Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 127Page - STMicroelectronics STM32MP253C Datasheet HTML 128Page - STMicroelectronics STM32MP253C Datasheet HTML 129Page - STMicroelectronics STM32MP253C Datasheet HTML 130Page - STMicroelectronics STM32MP253C Datasheet HTML 131Page - STMicroelectronics STM32MP253C Datasheet HTML 132Page - STMicroelectronics STM32MP253C Datasheet HTML 133Page - STMicroelectronics STM32MP253C Datasheet HTML 134Page - STMicroelectronics STM32MP253C Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 241 page
background image
Table 31. Current consumption in Standby1 mode
Evaluated by characterization, not tested in production unless otherwise specified.
VDDCORE, VDDCPU and VDDGPU are shutdown.
Symbol
Parameter
Conditions
Typ
Max
Unit
D3 (CPU3)
mode
CPU3 clk
(MHz)
VDD voltage
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDD
Supply current in
Standby1 mode
SRun3
(CRun)
MSI 4
VDD = 3.3 V(1)
2.35
3.6
4.8
6.75
3.2
6.4
8.7
15
mA
VDD = 1.8 V(2)
960
2300
3400
5300
1800
4900
7100
13000
μA
IDDA18
-
-(3)
-
IDDA18AON
VDD = 3.3 V(1)
31
41
55.5
60
79
93
130
140
μA
VDD = 1.8 V(2)
60
80
80
88.5
110
150
160
180
μA
IDD
Supply current in
Standby1 mode
SRun3
(CRun)
LSE 0.032768
VDD = 3.3 V(1)
2.15
3.55
4.7
6.65
3.4
6.4
8.6
15
mA
VDD = 1.8 V(2)
960
2150
3300
5200
1900
4800
6900
13000
μA
IDDA18
-
-(3)
-
IDDA18AON
VDD = 3.3 V(1)
29.5
41
55
60
78
94
130
140
μA
VDD = 1.8 V(2)
60
80
80
88
110
150
160
180
μA
IDD
Supply current in
Standby1 mode
SRun3
(CSleep)
MSI 4
VDD = 3.3 V(1)
2.25
3.4
4.45
6.2
3.3
6
8
15
mA
VDD = 1.8 V(2)
960
2050
3050
4750
1900
4400
6400
14000
μA
IDDA18
-
-(3)
-
IDDA18AON
VDD = 3.3 V(1)
31
41
55.5
60
79
91
130
140
μA
VDD = 1.8 V(2)
60
80
80
87.5
110
150
160
180
μA
IDD
Supply current in
Standby1 mode
SRun3
(CSleep)
LSE 0.032768
VDD = 3.3 V(1)
2.1
3.35
4.4
6.15
3.4
6
7.9
15
mA
VDD = 1.8 V(2)
960
2000
3000
4700
1900
4300
6300
14000
μA
IDDA18
-
-(3)
-
IDDA18AON
VDD = 3.3 V(1)
31
41.5
55
60
79
91
130
140
μA
VDD = 1.8 V(2)
60
80
80
87.5
110
150
160
180
μA
IDD
Supply current in
Standby1 mode
SStop2
(CStop)
-
VDD = 3.3 V(1)
2.1
3.35
4.4
6.15
3.4
5.9
7.9
15
mA
VDD = 1.8 V(2)
960
2000
3000
4700
1900
4300
6400
14000
μA
IDDA18
-
-(3)
-
IDDA18AON
VDD = 3.3 V(1)
31
41
55
60
79
93
130
140
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com