Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 119Page - STMicroelectronics STM32MP253C Datasheet HTML 120Page - STMicroelectronics STM32MP253C Datasheet HTML 121Page - STMicroelectronics STM32MP253C Datasheet HTML 122Page - STMicroelectronics STM32MP253C Datasheet HTML 123Page - STMicroelectronics STM32MP253C Datasheet HTML 124Page - STMicroelectronics STM32MP253C Datasheet HTML 125Page - STMicroelectronics STM32MP253C Datasheet HTML 126Page - STMicroelectronics STM32MP253C Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 241 page
background image
Table 27. Current consumption (IDDA18AON) in Run modes
Evaluated by characterization, not tested in production unless otherwise specified.
Except otherwise noted, typical values given with VDDCORE = 0.82 V, VDDCPU = 0.8 V and VDDGPU = 0.8 V, maximum values given with VDDCORE = 0.842 V, VDDCPU = 0.842 V and
VDDGPU = 0.839 V.
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDA18AON
Supply current in
Run mode (VDD =
1.8 V)
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(3)
600
400
200
900(4)
4.4
5.9
5.4
5.3
5.9
mA
1200
600
400
200
800
4.4
5.9
5.4
5.3
5.1
750
600
400
200
800
4.4
5.9
5.4
5.3
5.1
600
600
400
200
800
4.4
5.9
5.4
5.3
5.1
IDDA18AON
Supply current in
Run mode (VDD =
3.3 V)
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(3)
600
400
200
900(4)
4.35
5.8
5.4
5.3
5.1
mA
1200
600
400
200
800
4.35
5.8
5.4
5.3
5.1
750
600
400
200
800
4.35
5.8
5.4
5.3
5.1
600
600
400
200
800
4.35
5.8
5.4
5.3
5.1
IDDA18AON
Supply current in
Run mode (VDD =
1.8 V)
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(3)
600
400
200
-
4.4
5.9
5.4
5.3
5.1
mA
1200
600
400
200
-
4.4
5.9
5.4
5.3
5.1
750
600
400
200
-
4.4
5.9
5.4
5.3
5.1
600
600
400
200
-
4.4
5.9
5.4
5.3
5.1
IDDA18AON
Supply current in
Run mode (VDD =
3.3 V)
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(3)
600
400
200
-
4.35
5.8
5.4
5.3
5.1
mA
1200
600
400
200
-
4.35
5.8
5.4
5.3
5.1
750
600
400
200
-
4.35
5.8
5.4
5.3
5.1
600
600
400
200
-
4.35
5.8
5.4
5.3
5.1
IDDA18AON
Supply current in
Run mode (VDD =
1.8 V)
All
peripherals
Disabled
DRun
(CRun: P0)
Run1
(CStop)
SRun1
(CStop)
HSI
HSI 64 HSI 64
-
-
-
480
570
590
610
640
μA
HSE +
HSI
HSE
40
HSE
40
-
-
-
4.4
5.9
5.4
5.3
5.1
mA
IDDA18AON
Supply current in
Run mode (VDD =
3.3 V)
All
peripherals
Disabled
DRun
(CRun: P0)
Run1
(CStop)
SRun1
(CStop)
HSI
HSI 64 HSI 64
-
-
-
445
530
550
560
600
μA
HSE +
HSI
HSE
40
HSE
40
-
-
-
4.35
5.8
5.4
5.3
5.1
mA
IDDA18AON
Supply current in
Run mode (VDD =
1.8 V)
All
peripherals
Disabled
DStandby(5)
(6)
(CStandby)
Run2
(CRun)
SRun1
(CRun)
HSI
-
HSI 64
HSI
64
HSI
64
-
490
580
590
610
640
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com