Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 118Page - STMicroelectronics STM32MP253C Datasheet HTML 119Page - STMicroelectronics STM32MP253C Datasheet HTML 120Page - STMicroelectronics STM32MP253C Datasheet HTML 121Page - STMicroelectronics STM32MP253C Datasheet HTML 122Page - STMicroelectronics STM32MP253C Datasheet HTML 123Page - STMicroelectronics STM32MP253C Datasheet HTML 124Page - STMicroelectronics STM32MP253C Datasheet HTML 125Page - STMicroelectronics STM32MP253C Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 241 page
background image
Table 26. Current consumption (IDDA18) in Run modes
Evaluated by characterization, not tested in production unless otherwise specified.
Except otherwise noted, typical values given with VDDCORE = 0.82 V, VDDCPU = 0.8 V and VDDGPU = 0.8 V, maximum values given with VDDCORE = 0.842 V, VDDCPU = 0.842 V and
VDDGPU = 0.839 V.
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDA18
Supply current in
Run mode
(VDD = 1.8 V)
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(3)
600
400
200
900(4)
4.35
5
5.1
5.2
6
mA
1200
600
400
200
800
3.85
4.5
4.6
4.7
4.9
750
600
400
200
800
3.25
3.9
4
4.1
4.2
600
600
400
200
800
3.1
3.7
3.8
3.9
4
IDDA18
Supply current in
Run mode
(VDD = 3.3 V)
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(3)
600
400
200
900(4)
4.35
5
5.1
5.2
5.4
mA
1200
600
400
200
800
3.85
4.5
4.6
4.7
4.9
750
600
400
200
800
3.25
3.9
4
4.1
4.2
600
600
400
200
800
3.1
3.7
3.8
3.9
4
IDDA18
Supply current in
Run mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(3)
600
400
200
-
4.35
5.2
5.5
5.7
6.1
mA
1200
600
400
200
-
3.9
4.7
5.1
5.2
5.6
750
600
400
200
-
3.3
4.1
4.4
4.5
4.9
600
600
400
200
-
3.15
3.9
4.3
4.3
4.7
IDDA18
Supply current in
Run mode
All
peripherals
Disabled
DRun
(CRun: P0)
Run1
(CStop)
SRun1
(CStop)
HSI
HSI 64 HSI 64
-
-
-
1.25
2
2.3
2.4
2.8
mA
HSE +
HSI
HSE 40
HSE
40
-
-
-
1.25
1.9
2.3
2.4
2.8
IDDA18
Supply current in
Run mode
All
peripherals
Disabled
DStandby(5)
(6)
(CStandby)
Run2
(CRun)
SRun1
(CRun)
HSI
-
HSI 64 HSI 64 HSI 64
-
1.2
1.8
2
2.2
2.9
mA
1. P0 and P1 are state of cores inside CPU1 when in CRun state. 'P0&P1' indicate that both cores are executing a test software. 'P0' indicate that only P0 is executing a test software
while other core is clock gated (either in WFI or WFE or not present in the device).
2. ck_icn_ddr.
3. Typical value given with VDDCPU = 0.91 V, maximum values given with VDDCPU = 0.935 V.
4. Typical value given with VDDGPU = 0.9 V, maximum values given with VDDGPU = 0.961 V.
5. CStandby = CStop and PDDS_D1 = 1.
6. VDDCPU is shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com