Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91EB55 Datasheet HTML 2Page - ATMEL Corporation AT91EB55 Datasheet HTML 3Page - ATMEL Corporation AT91EB55 Datasheet HTML 4Page - ATMEL Corporation AT91EB55 Datasheet HTML 5Page - ATMEL Corporation AT91EB55 Datasheet HTML 6Page - ATMEL Corporation AT91EB55 Datasheet HTML 7Page - ATMEL Corporation AT91EB55 Datasheet HTML 8Page - ATMEL Corporation AT91EB55 Datasheet HTML 9Page - ATMEL Corporation AT91EB55 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Overview
1-2
AT91EB55 Evaluation Board User Guide
 64K bytes of E
2PROM with I2C access
 32K bytes of SPI E
2PROM
 2 x 32 pin EBI expansion connector
 3 x 32 pin I/O expansion connector
 20-pin JTAG interface connector
If required, user-defined peripherals can also be added to the board. See “Appendix A”
for details.
Figure 1-1. AT91EB55 Block Diagram
AT91M55800
ASB
Clock
Generator
Reset
JTAG-ICE
Connector
APB
SRAM
Flash
LEDs
APMC
RTC
Reset
Controller
16 MHz
XTAL
ARM7TDMI
Processor
8K byte
RAM
EBI
EBI
Expansion
Connector
I2C
E2PROM
Interrupt
Controller
Push
Buttons
Reset
Controller
Watchdog
Timer
Timer
Counters
Serial
Data Flash
Serial
E2PROM
I/O
Expansion
Connector
Temperature
Sensor
RS232
Transceivers
DB9
Serial
Connectors
Battery
Power
Supply
32.768 kHz
XTAL
VDDIO and
VDDCORE
Power
Supply
Wake Up
Push
Button
VDDCORE
2
AMBA
Bridge
PIO
SPI
ADC
DAC
Serial
Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com