Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT91EB55 Datasheet HTML 29Page - ATMEL Corporation AT91EB55 Datasheet HTML 30Page - ATMEL Corporation AT91EB55 Datasheet HTML 31Page - ATMEL Corporation AT91EB55 Datasheet HTML 32Page - ATMEL Corporation AT91EB55 Datasheet HTML 33Page - ATMEL Corporation AT91EB55 Datasheet HTML 34Page - ATMEL Corporation AT91EB55 Datasheet HTML 35Page - ATMEL Corporation AT91EB55 Datasheet HTML 36Page - ATMEL Corporation AT91EB55 Datasheet HTML 37Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Appendix C – Bill of Material
AT91EB55 Evaluation Board User Guide
7-3
Notes:
1. If the AT49BV1614 is replaced with the AT49BV1604, the jumper must be connected.
2. The EB55 is equipped with SRAM U2/U3 or U4/U5 (the difference lies in case type
only). The choice is made according to availability.
41
16
R22, R42, R43, R44,
R45, R46, R48, R52,
R53, R54
100K
Resistor 5%
42
4
SW1, SW2, SW3,
SW4
TP 33
Push button with black
cabochon
43
1
SW5
TP 33
Push button with red cabochon
44
2
S1, S2
Push Button
CMS Push button
45
4
TP1, TP2, TP3, TP4
Test Point Corner
CMS Test point
46
1
U1
AT49BV1614-90TC
Flash 2M bytes x 16-bits
47
(2)
1
U4, U5
IDT71V124SA15PH
Static memory: 128k x 8-15 ns
(double implantation)
48
1
U6
74LVC04AD
Reverser (LVC serial)
49
1
U8
74LV244D
Buffer
50
1
U9
74LV125D
Tri-state buffer
51
1
U10
MAX3223ECAP
Driver RS232 + ESD "E"
52
1
U12
AT91M55800A
Microcontroller
53
1
U13
LM61BIM3
Temperature sensor
54
2
U14, U15
REF192GS
Reference of voltage 2V5
±0.5%
55
1
U16
74LVC74AD
D flip flop (LVC serial)
56
1
U30
74LCX74
D Flip Flop (LCX serial)
57
2
U17, U18
MAX6315US27D1-
T
Circuit LVD-reset. (Threshold
2.7V; Timeout = 1 ms)
58
1
U19
LT 1507CS8-3.3
Voltage Regulator DC/DC
59
1
U20
LTC 1503CS8-2
Voltage Regulator DC/DC
60
4
U21
AT45DB321-TC
Serial DataFlash (wired
according to availability)
61
1
U23
AT24C512W1-
10SC-2.7
EEPROM 64K bytes
62
2
U27, U29
74LV138D
Decoder (3 to 8)
63
1
U28
AT25256W-10SC-
2.7
EEPROM 32K bytes
64
1
Y2
Crystal 32768 kHz
Crystal 32768 kHz, ±20 ppm at
25
°C
65
1
Y4
Crystal 16 MHz
Crystal 16 MHz, ±30ppm at
25
°c
66
4
PS1, PS2, PS3, PS4
Board Support
Plastic bases H > 10mm
Table 1. Bill of Material (Continued)
Item
Qty
Reference
Part
Designation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com