| Electronic Components Datasheet Search |
|
AT91EB55 Datasheet(PDF) 17 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91EB55 Datasheet(HTML) 17 Page - ATMEL Corporation |
|
17 / 37 page ![]() Appendix A – Configuration Straps AT91EB55 Evaluation Board User Guide 5-3 CB13, CB14 I 2C EEPROM Enabling Closed (1) E 2PROM communication is enabled. Open E 2PROM communication is disabled. This authorizes users to connect the corresponding PIO to their own resources via the I/O expansion connector. CB15 JTAGSEL 1 – 2 (1) The MCU standard ICE debug feature is enabled. 2 – 3 IEEE 1149.1 JTAG boundary scan feature is enabled. CB16 R(eturn) TCK ICE Signal Synchronization 1 – 2 The TCK signal from the JTAG interface can be synchronized with MCKO signal and returns to the JTAG interface. (RTCK) 2 – 3 (1) The TCK and RTCK ICE signals are not synchronized with MCKO. CB17 VDDCORE Voltage Measurement Closed (1) The V DDCORE power supply is connected to the ADC Channel 2 (AD2) input through a resistor bridge (divisor ratio 1/2). Open The VDDCORE power supply is not connected to the ADC Channel 2 (AD2) input. This authorizes users to connect the corresponding ADC Channel to their own resources via the I/O expansion connector. CB18 Flash Configuration Open Should be open when an AT49BV1614 is fitted on the board. Closed Should be closed when an AT49BV1604 is fitted on the board. JP1 User or Standard Boot Selection 2 – 3 The first half of the Flash memory is accessible at its base address. 1 – 2 The second half of the Flash memory is accessible at its base address. This authorizes users to download their own application software in this part and to boot on it. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |