| Electronic Components Datasheet Search |
|
AT91EB55 Datasheet(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91EB55 Datasheet(HTML) 16 Page - ATMEL Corporation |
|
16 / 37 page ![]() Appendix A – Configuration Straps 5-2 AT91EB55 Evaluation Board User Guide CB4 Temperature Sensor Enabling Closed (1) The temperature sensor device is connected to the ADC channel 1 (AD1) input. Open The temperature sensor device is not connected to the ADC channel 1 (AD1) input. This authorizes users to connect the corresponding ADC channel to their own resources via the I/O expansion connector. CB5 Analog Converter Peripherals Loopback Closed (1) DAC Channel 0 is connected to ADC Channel 4 for test purposes. Open DAC Channel 0 is not connected to ADC Channel 4. This authorizes users to connect the corresponding Analog Channels to their own resources via the I/O expansion connector. CB6 Analog Converters Peripherals Loopback Closed (1) DAC Channel 1 is connected to ADC Channel 0 for test purposes. Open DAC Channel 1 is not connected to ADC Channel 0. This authorizes users to connect the corresponding Analog Channels to their own resources via the I/O expansion connector. CB9 On-board Boot Chip Select Closed (1) NCS0 select signal is connected to the Flash memory. Open NCS0 select signal is not connected to the Flash memory. This authorizes users to connect the corresponding select signal to their own resources via the EBI expansion connector. CB10 Flash Reset Closed (1) The on-board reset signal is connected to the Flash RESET input. Open The on-board reset signal is not connected to the Flash RESET input. CB11 Boot Mode Strap Configuration Open The BMS MCU input pin is set in order for the microcontroller to boot on an external 16-bit memory at reset. Closed (1) The BMS MCU input pin is set in order for the microcontroller to boot on an external 8-bit memory at reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |