Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91EB55 Datasheet HTML 1Page - ATMEL Corporation AT91EB55 Datasheet HTML 2Page - ATMEL Corporation AT91EB55 Datasheet HTML 3Page - ATMEL Corporation AT91EB55 Datasheet HTML 4Page - ATMEL Corporation AT91EB55 Datasheet HTML 5Page - ATMEL Corporation AT91EB55 Datasheet HTML 6Page - ATMEL Corporation AT91EB55 Datasheet HTML 7Page - ATMEL Corporation AT91EB55 Datasheet HTML 8Page - ATMEL Corporation AT91EB55 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AT91EB55 Evaluation Board User Guide
1-1
Section 1
Overview
1.1
Scope
The AT91EB55 Evaluation Board enables real-time code development and evaluation.
It supports the AT91M55800A.
This user guide focuses on the AT91 Evaluation Board as an evaluation and demonstra-
tion platform:
 Section 1 provides an overview.
 Section 2 describes how to setup the evaluation board.
 Section 3 describes the on-board software.
 Section 4 contains a description of the circuit board.
Appendixes A and B cover configuration straps and schematics including pin
connectors.
1.2
Deliverables
The evaluation board is supplied with a DB9 plug to DB9 socket straight through serial
cable to connect the target evaluation board to a PC. There is also a bare power lead
with a 2.1 mm jack on one end for connection to a bench power supply.
The evaluation board is also delivered with a CD-ROM that contains an evaluation ver-
sion of Software Development Toolkit and the documentation that outlines the AT91
microcontroller family.
The evaluation board is capable of supporting different kinds of debugging systems
using an ICE interface or the on-board Angel™ Debug Monitor. Refer to the EB55 “Get-
ting Started” tutorial documents for recommendations on using the evaluation board in a
full debugging environment.
1.3
The AT91EB55
Evaluation Board
The board consists of an AT91M55800A, together with several peripherals:
 Two serial ports
 Reset push button
 An indicator which memorizes a reset appearance
 Memory clear for the reset indicator
 Four user-defined push buttons
 Eight LEDs
 256K byte of 16-bit SRAM (upgradable to 1 MB)
 2M bytes of 16-bit Flash (of which 1 MB is available for user software)
 4M bytes of Serial Data Flash (upgradeable to 16 MB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com