Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91EB55 Datasheet HTML 6Page - ATMEL Corporation AT91EB55 Datasheet HTML 7Page - ATMEL Corporation AT91EB55 Datasheet HTML 8Page - ATMEL Corporation AT91EB55 Datasheet HTML 9Page - ATMEL Corporation AT91EB55 Datasheet HTML 10Page - ATMEL Corporation AT91EB55 Datasheet HTML 11Page - ATMEL Corporation AT91EB55 Datasheet HTML 12Page - ATMEL Corporation AT91EB55 Datasheet HTML 13Page - ATMEL Corporation AT91EB55 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
The On-board Software
3-2
AT91EB55 Evaluation Board User Guide
When no buttons are pressed:
 Branch at address 0x01004000
 The Angel Debug Monitor starts from this address by recopying itself in external
SRAM
3.3
Programmed
Default Memory
Mapping
The following table defines the mapping defined by the boot program.
The Boot Software Program, FTS and SRAM downloader are in sectors 0 and 1 of the
Flash device. Sectors 2 to 7 support the Angel Debug Monitor
Sector 24 at address 0x01100000 must be programmed with a boot sequence to be
debugged. This sector can be mapped at address 0x01000000 (or 0x0 after a reset)
when the jumper JP1 is in the USER position.
3.4
The SRAM
Downloader
The SRAM downloader allows an application to be loaded in the SRAM at the address
0x02000000 and then activates it. The boot starts it if the SW2 button is pressed at
reset.
The procedure is as follows:
1.
Connect the AT91EB55 Evaluation Board to the host PC serial A connection
using the straight serial cable provided.
2.
Power on or press RESET, simultaneously holding down the SW2 button. Wait
for D2 to light up and then release SW2.
3.
Start the BINCOM utility, available in the AT91 Library, on the host computer:
Select the communication port (COM1 or COM2, depending on where the serial
cable is connected to the host PC) and the baud rate for communications (115200
baud, 1 stop bit, no parity), then open the file to be downloaded and send it. Wait for
the transfer to end.
4.
Press any button to end the download. The control is switched to the address
0x02000000.
3.5
The Angel Debug
Monitor
The Angel Debug Monitor is located in the flash from 0x01004000 up to 0x0100FFFF.
The boot program starts it if no button is pressed.
When Angel starts, it recopies itself in SRAM in order to run faster. The SRAM used by
Angel is from 0x02020000 to 0x0203FFFF, i.e., the highest half part of the SRAM.
The Angel on the AT91EB55 can be upgraded regardless of the version programmed on
it.
Note:
If the debugger is started through ICE while the Angel monitor is on, the
Advanced Interrupt Controller (AIC) and the USART channel are enabled.
Table 1. Memory Map
Part Name
Start Address
End Address
Size
Device
U1
0x01000000
0x011FFFFF
2-Mbyte
Flash AT49BV16X4
U2 - U3
0x02000000
0x0203FFFF
256-Kbyte
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com