Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT91EB55 Datasheet HTML 28Page - ATMEL Corporation AT91EB55 Datasheet HTML 29Page - ATMEL Corporation AT91EB55 Datasheet HTML 30Page - ATMEL Corporation AT91EB55 Datasheet HTML 31Page - ATMEL Corporation AT91EB55 Datasheet HTML 32Page - ATMEL Corporation AT91EB55 Datasheet HTML 33Page - ATMEL Corporation AT91EB55 Datasheet HTML 34Page - ATMEL Corporation AT91EB55 Datasheet HTML 35Page - ATMEL Corporation AT91EB55 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Appendix C – Bill of Material
7-2
AT91EB55 Evaluation Board User Guide
16
1
C58
100 µF/10V
Tantalum 10V ESR < 0.5
Ω
17
1
C60
3.3 nF/10%
Ceramic X7R/25V/10%
18
3
C61, C62, C64
1 µF/10%
Ceramic X7R/10V/10%
19
6
C78, C79, C80, C81,
C84, C85
10 pF
Ceramic X7R/16V
20
10
D1, D2, D3, D4, D5,
D6, D7, D8, D10,
D11
Red LED
Red LED H.R. 3mm/ T1/ 7mcd
60
°
21
1
D9
BAS32L
Diode signal
22
1
D12
1N914
Diode signal
23
1
D14
SMT6T15CA
Transil 12.8V/600W/
VBRmini/14.3V
24
1
D15
1N5817
Schottky diode 1A/0.45V
25
4
D16,D17,D18,D19
10MQ060N
Diode rectifying 0.62V/0.77A
26
1
F1
1000 mA
Fuse rarm. 1000 mA/30V
27
3
JP1,JP8
jumper_3P
3 point jumper
28
6
JP5,JP7,JP9
jumper_NO
2 point jumper
29
1
J1
Jack Diameter
2.1mm
Jack socket
2.1mm
30
1
L1
10 µH
Self 10 µH at 1A and 500 kHz
31
1
P3
Sub D 9b F
Sub D 9b Female socket, right
angle, mechanical strength,
locking
32
1
P4
Sub D 9b M
Sub D 9b Male socket, right
angle, mechanical strength,
locking
33
1
P5
HE10 2x10
HE10 2x10 socket, low profile,
right angle
34
27
R3, R4, R5, R14,
R15, R16, R17, R25,
R26, R27, R31, R32,
R33, R34, R35, R36,
R37, R38, R39, R40,
R41, R51, R55
100K
Resistor 5%
35
2
R56, R57
10K
Resistor 5%
36
10
R6, R7, R8, R9,
R10, R11, R12, R13,
R23, R24
100R
Resistor 5%
37
1
R18
270K
Resistor 5%
38
1
R20
287R 1% E48
Resistor 1%
39
4
RR1, RR2, RR3,
RR4
100K
Resistance network (4
resistors with 1 common point)
40
1
R29
0R
Shunt OR
Table 1. Bill of Material (Continued)
Item
Qty
Reference
Part
Designation
∅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com