Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT91EB55 Datasheet HTML 27Page - ATMEL Corporation AT91EB55 Datasheet HTML 28Page - ATMEL Corporation AT91EB55 Datasheet HTML 29Page - ATMEL Corporation AT91EB55 Datasheet HTML 30Page - ATMEL Corporation AT91EB55 Datasheet HTML 31Page - ATMEL Corporation AT91EB55 Datasheet HTML 32Page - ATMEL Corporation AT91EB55 Datasheet HTML 33Page - ATMEL Corporation AT91EB55 Datasheet HTML 34Page - ATMEL Corporation AT91EB55 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AT91EB55 Evaluation Board User Guide
7-1
Section 7
Appendix C – Bill of Material
Table 1. Bill of Material
Item
Qty
Reference
Part
Designation
1
1
BT1
3V Button Pile
Li/MnO2 3V 180 mAH pile UL:
MH13654(N)
22
CB16
3 position jumper (jumper
between 2-3)
3
(1)
3
CB18
CB_NO
If AT49BV1614-90TC is used,
do not connect the jumper
441
C1, C2, C3, C4, C5,
C12, C13, C16, C17,
C18, C19, C22, C28,
C29, C30, C31, C32,
C36, C38, C39, C42,
C49, C50, C51, C52,
C53, C54, C65, C66,
C67, C68, C69, C70,
C89, C90, C91, C94,
C95, C96
100 nF
Ceramic X7R/10V
5
4
C10, C11, C14, C15
47 nF
Ceramic X7R/10V
66
C20, C21, C23, C24,
C26, C27
22 pF
Ceramic NPO/10V
711
C25, C71, C72, C73,
C74, C75, C76, C77,
C82, C83, C86
10 nF
Ceramic X7R/16V
8
3
C33, C37, C40
1 µF/16V
Tantalum 16V/10%/TAJ
9
2
C41, C63
10 µF/16V
Tantalum 16V/10%/TAJ
10
3
C43, C47, C48
10 pF
Ceramic NPO/10V/5%
11
1
C44
4 - 25 pF
Adjustable Capacitor, serial
TZBX4
12
1
C45
68 pF/10%
Ceramic X7R/10V/10%
13
1
C46
680 pF/10%
Ceramic X7R/10V/10%
14
2
C55, C59
22 pF/25V
Ceramic X7R/25V
15
1
C57
10 µF/25V
25V ESR < 0.5
Ω/0.5Arms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com