Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT91EB55 Datasheet HTML 29Page - ATMEL Corporation AT91EB55 Datasheet HTML 30Page - ATMEL Corporation AT91EB55 Datasheet HTML 31Page - ATMEL Corporation AT91EB55 Datasheet HTML 32Page - ATMEL Corporation AT91EB55 Datasheet HTML 33Page - ATMEL Corporation AT91EB55 Datasheet HTML 34Page - ATMEL Corporation AT91EB55 Datasheet HTML 35Page - ATMEL Corporation AT91EB55 Datasheet HTML 36Page - ATMEL Corporation AT91EB55 Datasheet HTML 37Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
AT91EB55 Evaluation Board User Guide
8-1
Section 8
Appendix D – Flash Memory
The following figure shows the embedded software mapping after the remap. It
describes the location for the different programs in the AT49BV16X4 flash memory and
the division into sectors.
Figure 1. EB55 Flash Memory Software Location
Functional Test Software,
SRAM Downloader, Boot
Angel Software
Not Used
Led Swing Application
(example)
16 Sectors
(64K byte/sector)
1MB
User Mode
1MB
Standard Mode
15 Sectors
(64K Byte/sector)
6 Sectors
(8K Byte/sector)
2 Sectors
(8K Byte/sector)
0x011FFFFF
0x01100000
0x01010000
0x01004000
0x01000000
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com