Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT91EB55 Datasheet HTML 25Page - ATMEL Corporation AT91EB55 Datasheet HTML 26Page - ATMEL Corporation AT91EB55 Datasheet HTML 27Page - ATMEL Corporation AT91EB55 Datasheet HTML 28Page - ATMEL Corporation AT91EB55 Datasheet HTML 29Page - ATMEL Corporation AT91EB55 Datasheet HTML 30Page - ATMEL Corporation AT91EB55 Datasheet HTML 31Page - ATMEL Corporation AT91EB55 Datasheet HTML 32Page - ATMEL Corporation AT91EB55 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
POWER SUPPLY / BATTERY
5
EVALUATION BOARD FOR AT91M55200/800
A4
78
Monday, December 18, 2000
Title
Size
Document Number
Rev
Date:
Sheet
of
VCC3V3
VDDCORE
VDDBU
GNDBU
VDDIO
VDDPLL
VDDA
GNDPLL
GNDBU
GNDA
VCC3V3
VCC1V8
VDDIO
VSAVE=3V
SHDN_2
SHDN_1
C54
100nF
F1
1000m A/30V
D14
SMT6T15CA
C57
10µF / 25V
U19
LT1507CS8-3.3
2
3
7
5
4
VIN
VSW
SENSE
SYNC
SHTDN
D12
1N914
L1
10µH
D15
1N5817
+
C58
100µF / 10V
C60
3,3nF / 10%
C55
22pF / 25V
BT1
3V Button Pile
C64
1µF 10%
R29
OR
R30
not use
C61
1µF 10%
C62
1µF 10%
+
C63
10µF / 16V
D18
10MQ100N
D19
10MQ100N
D16
10MQ100N
D17
10MQ100N
TP2
Test Point Corner 2
TP3
Test Point Corner 3
TP1
Test Point Corner 1
TP4
Test Point Corner 4
R50
Radj
U20
LT1503CS8-2
4
1
3
2
6
8
5
7
Vin
Vout
C1+
C1-
C2+
C2-
SHDN/SS
GND
J1
Jack Dia.2.1mm
C59
22pF / 25V
JP6
jumper_NO
1
2
JP7
jumper_NO
1
2
JP5
jumper_NO
JP9
jumper_NO
1
2
JP8
jumper_3P
2
+
C58B
100µF / 10V
C57B
10µF / 25V
SH1
shield
R55
100K 5%
SHDN
RTC SAVE
SHDN
VDDCORE=2.0V
VDDCORE=3.3V
I Vddcore
I Vddbu
I Vddio
Vddbu=1V84 with R30=620k R29=330k
Vddbu=3V with R29=0R and R30 off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com