Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91EB55 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91EB55
Description  AT91EB55 Evaluation Board
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB55 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91EB55 Datasheet HTML 4Page - ATMEL Corporation AT91EB55 Datasheet HTML 5Page - ATMEL Corporation AT91EB55 Datasheet HTML 6Page - ATMEL Corporation AT91EB55 Datasheet HTML 7Page - ATMEL Corporation AT91EB55 Datasheet HTML 8Page - ATMEL Corporation AT91EB55 Datasheet HTML 9Page - ATMEL Corporation AT91EB55 Datasheet HTML 10Page - ATMEL Corporation AT91EB55 Datasheet HTML 11Page - ATMEL Corporation AT91EB55 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Setting Up the AT91EB55 Evaluation Board
AT91EB55 Evaluation Board User Guide
2-2
2.4
Jumper Settings
JP1 is used to boot on standard or user programs. For standard operations, set it in the
STD position.
JP8 is used to select the core power supply of the AT91M55800A. Operations at 2V are
not supported on the current silicon.
For more information about jumpers and other straps, see Appendix A.
2.5
Powering Up the
Board
DC power is supplied to the board via the 2.1 mm socket (J1) shown below in Figure 2-
2. The polarity of the power supply is not critical. The minimum voltage required is 7V.
Figure 2-2. 2.1 mm Socket
The board has a voltage regulator providing +3.3V. The regulator allows the input volt-
age to be from 7
V to 12V. When you switch the power on, the red LED marked
“POWER” will light up. If it does not, switch off and check the power supply connections.
The battery BT1 provides a 3V power supply to the Advanced Power Management Con-
troller and the Real Time Clock (V
DDBU). In order to power up this module, the user must
first close the JP9 jumper.
2.6
Measuring
Current
Consumption on
the
AT91M55800A
The board is designed to generate the power for the AT91 product only through the
jumpers JP5 (V
DDIO), JP8 (VDDCORE) and JP9 (VDDBU). This feature enables measure-
ments to be made on the current consumption of the AT91 product. See Appendix A for
further details.
2.7
Testing the
AT91EB55
Evaluation Board
In order to test the AT91EB55 Evaluation board, the following procedure should be
performed:
1.
Hold down the SW1 button and power up the board or generate a reset and wait
for the light sequence on each LED to complete. All the LEDs light once and the
D1 LED remains lit.
2.
Release the SW1 button. The LEDs D1 to D7 light up in sequential order. If an
error is detected, all the LEDs will light up twice.
The LEDs represent the following devices:
 D1 for the internal SRAM
 D2 for the external SRAM
 D3 for the external Flash
 D4 for the E
2PROM with I2C access
 D5 for the SPI data flash
 D6 for the SPI E
2PROM
 D7 for the USART
 D8 for the ADC and DAC
If a test is not carried out, the corresponding LED remains unlit and the test sequence
restarts.
2.1 mm connector
positive (+)
or
negative (-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com