Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 82Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 83Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 84Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 85Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 86Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 87Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 88Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 89Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
Monitoring Relays
3UG Monitoring Relays for Electrical and Additional Measurements
Speed monitoring
7/86
Siemens LV 1 T · 2006
1) The sensors are not included in the scope of supply.
■Dimensional drawings
■Schematics
Type
3UG30 51
Rated control supply voltage Us
V
See Catalog LV 1 (for AC voltages with electrical isolation by means of
transformer, 24 V DC without electrical isolation)
Voltage tolerance
0.85 ... 1.15 x Us
Maximum power consumption
W/VA
4/5
Set value
%
Adjustable to 10 ... 100 of the selected time setting range
Hysteresis
%
Typical 5 of the set value
Setting accuracy
%
10 referred to upper limit of time setting range
Repeat accuracy
at constant parameters
%
–0.5
Deviations
with temperature fluctuations
%/°C
0.1
ON-delay T
s
Adjustable to 0.3 ... 30
–10 %
Signal input IN11)
(Input resistance 16 k)
V
Max. voltage 30, 3-wire sensor, pnp operation
Signal input IN21)
(Input resistance 1 k)
Floating contact, 2-wire NAMUR sensor
Voltage level for reliable operation
Level 1
V
4.5 ... 30
Level 0
V
0 up to 1
Sensor supply
+24 V/0 V
mA
max. 50 at 24 V (20 ... 35 V) DC
+8 V2
mA
1 DC 8.2 V
Measuring range,
selectable (rotary switch on front)
Time setting range
• 0.1 ... 1 s
- Frequency
Hz
10 ... 1
- Revolutions
min-1
600 ... 60
• 1 ... 10 s
- Frequency
Hz
1 ... 0.1
- Revolutions
min-1
60 ... 6
• 0.1 ... 1 min
- Frequency
Hz
0.17 ... 0.017
- Revolutions
min-1
10 ... 1
• 1 ... 10 min
- Frequency
Hz
0.017 ... 0.0017
- Revolutions
min-1
1 ... 0.1
- Minimum pulse duration of signal ms
5
- Minimum interval between 2 pulses
5
Function mode setting
with or without memory
Rotary switch on front panel
Availability time after application of Us
ms
200
Mains buffering time
ms
10
77
100
45
A2
24 V
12
11
14
A1
NSB00976c
n < Value
RES IN1 0V
+
+ U
-
PNP
IN2
+ 8V2
+ NAMUR
+
_
AC/
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com