Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 78Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 79Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 80Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 81Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 82Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 83Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 84Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 85Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
Monitoring Relays
3UG Monitoring Relays for Electrical and Additional Measurements
Level monitoring
7/82
Siemens LV 1 T · 2006
■Overview
The 3UG35 01 level monitoring relay is used together with the
2- or 3-pole sensors to monitor the levels of conductive liquids.
■Function
The principle of operation is based on measuring the electrical
resistance of the liquid between two immersion sensors and a
reference terminal. If the measured value is lower than the
sensitivity set at the front, the output relay changes its switching
state. In order to exclude electrolytic phenomena in the liquid,
the sensors are supplied with alternating current.
Two-level control: the output relay changes its switching state as
soon as the liquid level reaches the maximum sensor, while the
minimum sensor is submerged. The relay returns to its original
switching state as soon as the minimum sensor no longer has
contact with the liquid.
For safe resetting, the supply voltage must be interrupted for
at least 0.5 s (T3).
The delay times T1 and T2 of the output relay have not been
included in the diagram in order to enhance clarity.
Note:
It is also possible to connect other resistance sensors to the Min
and Max terminals in the range 5 to 100 k
W, e.g. photoresistors,
temperature sensors, encoders based on resistance etc.
The monitoring relay can therefore also be used for other
applications apart from monitoring the levels of liquids.
N S B 0 _ 0 0 9 6 1
A 1 / A 2
T 3
1
2
4
5
3
1
2
3
4
5
1
1
1
) D e t e r m i n e d b y t h e a r r a n g e m e n t
o f t h e p r o b e s i n t h e m o n i t o r e d l i q u i d .
M a x i m u m l e v e l )
M i n i m u m l e v e l )
M o n i t o r e d l e v e l
O u t p u t r e l a y
F u n c t i o n O V E R
O u t p u t r e l a y
F u n c t i o n U N D E R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com