Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 32Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 33Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 34Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 35Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 36Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 37Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 38Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
7/35
Siemens LV 1 T · 2006
3UF18 current transformers
for overload protection
■Overview
The 3UF1 8 current transformers are protection transformers and
are used for actuating overload relays. Protection transformers
are designed to ensure proportional current transfer up to a
multiple of the primary rated current. The 3UF18 current
transformers convert the maximum current of the corresponding
operating range into the standard signal 1 A secondary.
■Technical specifications
1) With or without box terminal.
2) Conductor cross-sections for box terminals, see 3TF6 8 and 3TF6 9
contactors in the section Contactors and Contactor Assemblies.
3) With max. conductor cross-section, a terminal cover for maintaining the
phase spacing is required.
Climatic environmental conditions
Temperatures
•Operation
°C
-25 ... +60
• Storage/transport
°C
-40 ... +85
Temperature changes
•Operation
°C/h
max. 10
• Storage/transport
°C/h
max. 20
Relative humidity
%
15 ... 95 (indoor, acc. to IEC 60721-3, no condensation)
Air pressure
•Operation
hPa
860 ... 1060
• Storage/transport
hPa
650 ... 1060
Contaminants
•SO2
ppm
0.5 (relative humidity
ˆ 60 %, no condensation)
•H2Sppm
0.1 (relative humidity
ˆ 60 %, no condensation)
Mechanical environmental conditions
Vibrations
(acc. to IEC 60068-2-6)
Hz
Hz
10 ... 57 (for constant amplitude 0.15 nm)
57 ... 150 (for constant acceleration 2 g)
Shock (acc. to IEC 60068-2-27)
12 shocks (half sine 15 g/11 ms)
Requirements acc. to IEC and DIN
Degree of protection (acc. to IEC 60529)
IP20
Rated insulation voltage
V
690/1000 (type-dependent)
Rating of the insulation
(acc. to UL/CSA)
V
600
Trip class (acc. to IEC 60947-4-1)
Suitable from CLASS 5 to CLASS 30
Power loss per conducting path of the
transformers
Operating range
for setting ...
to the lower limit
to the upper limit
A
mW (mVA)
mW (mVA)
• 3UF18 45
12.5 ... 50
33 (38)
570 (650)
• 3UF18 48
25 ... 100
110 (120)
1700 (1900)
• 3UF18 50
32 ... 130
135 (150)
2400 (2700)
• 3UF18 52
50 ... 200
170 (190)
2600 (2900)
• 3UF18 56
100 ... 400
450 (500)
6500 (7000)
• 3UF18 57
125 ... 500
850 (940)
13000 (15000)
• 3UF18 68-3F
160 ... 630
900 (1000)
17000 (19000)
• 3UF18 68-3G
205 ... 820
1400 (1600)
22000 (25000)
Conductor cross-sections
(one or two conductors connectable)
Current transformers
on second-
ary side
on primary side
3UF18 45
3UF18 481) 3UF18 501)
3UF18 52
3UF18 56
3UF18 572)
3UF18 68-
3FA002)
3UF18 68-
3GA002)
• Terminal screw
M 3.5
for connec-
tion data
see 3RT
Contactors
for connec-
tion data
see 3RT
Contactors
for connec-
tion data
see 3RT
Contactors
M 8
M 10
M 10
M 12
• Solid
mm2
2
™ 1.5 ... 2.5
--
--
--
--
•Stranded
mm2
2
™ 1.5 ... 2.5
--
--
--
--
• Finely stranded without end sleeve
mm2
--
--
--
--
--
• Finely stranded with end sleeve
mm2
2
™ 1.5
--
--
--
--
• Finely stranded with cable lug
mm2
--
35 ... 95
50 ... 2403)
50 ... 240
185 ... 240
• Stranded with cable lug
mm2
--
50 ... 120
70 ... 2403)
70 ... 240
185 ... 240
• Connecting bars
mm
--
20
™ 4
25
™ 6.30 ™
6
30
™ 5
50
™ 5
• Tightening torque
Nm
0.8 ... 1.4
10 ... 14
14 ... 24
14 ... 24
14 ... 24
• Tightening torque
lb
7 ... 12
89 ... 124
124 ... 210
124 ... 210
124 ... 210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com