Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 81Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 82Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 83Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 84Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 85Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 86Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 87Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 88Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 114 page
background image
Monitoring Relays
7/85
Siemens LV 1 T · 2006
3UG Monitoring Relays for Electrical and Additional Measurements
Speed monitoring
■Overview
The 3UG30 51 monitoring relay is used together with a sensor to
monitor drives for underspeeding.
■Function
The underspeed monitoring relay operates according to the
principle of retriggerable OFF-delay. During the time (value) set
on the front panel, another pulse must arrive at input IN1 or IN2
to ensure that the output relay remains picked up. The
monitoring relay evaluates the rising edge of the signal, i.e.
a continuous signal is also recognized as a missing pulse. If the
retrigger pulse does not arrive, indicating a reduction in speed,
the output relay drops. In order to be able to start a drive, the
output relay remains picked up during the ON-delay time T, even
if the speed is still below the set value (motor starting override
time). The first pulse must come within this time.
The monitoring relay can be used for all functions where a
continuous pulse signal needs to be monitored (belt travel
monitoring, completeness monitoring, passing monitoring,
clock-time monitoring).
Speed monitoring without memory (NO MEMORY)
When the speed of the drive drops below the set value, the
output relay drops. It picks up again when the speed is greater
than the set value plus the fixed hysteresis.
Speed monitoring with memory (MEMORY)
When the output relay drops, this state remains stored even
when the speed reaches a permissible value again. The stored
state can be ended by a control signal at the reset terminal or by
interrupting the supply voltage for at least 200 ms.
■Technical specifications
1) Short-circuits without any contact welding acc. to
DIN VDE 0660 Part 200.
N S B 0 _ 0 0 9 6 5
A 1 / A 2
T
1
2
4
3
1
2
3
4
S e t v a l u e
H y s t e r e s i s
A c t u a l v a l u e
O u t p u t r e l a y
N S B 0 _ 0 0 9 6 6
A 1 / A 2
T
T
5
2
1
4
3
6
6
1
2
3
4
6
5
S e t v a l u e
H y s t e r e s i s
A c t u a l v a l u e
O u t p u t r e l a y
R e s e t
S t o r a g e ( M E M O R Y )
Type
3UG30/3UG35
Load capacity of the output relay
Rated operational current Ie
A
max. 8
AC-15/230 V
A
3
DC-13/24 V
A
1
DC-13/48 V
A
0.45
DC-13/60 V
A
0.35
DC-13/110 V
A
0.2
DC-13/230 V
A
0.1
Minimum contact load
mA
5/17 V for a fault of 1 ppm
Output relay with DIAZED fuse1)
gl/Gg operational class
A
4
Electrical endurance
Operating cycles
1 x 105
Mechanical endurance
Operating cycles
2 x 106
Ambient temperature
During operation
°C
-20 ... + 50
During storage
°C
-30 ... + 70
Connection of conductors
Solid
mm²
2 x (0.5 ... 2.5)
Finely stranded, with end sleeves
mm²
2 x (0.5 ... 1.5)
Degree of protection
Terminals
IP20
Enclosures
IP40
Vibration resistance
acc. to IEC 60068-2-6
Hz/mm 10 ... 150/0.035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com