Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 74Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 75Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 76Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 77Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 78Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 79Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 80Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 81Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
Monitoring Relays
3UG Monitoring Relays for Electrical and Additional Measurements
Insulation monitoring
for ungrounded AC networks
7/78
Siemens LV 1 T · 2006
■Overview
Relay for monitoring the insulation resistance between the
ungrounded single or three-phase AC supply and a protective
ground conductor:
• Measuring principle with superimposed DC voltage
• Two selectable measuring ranges of 1 ... 110 k
W
• Stepless setting within the measuring range
• Selectable:
- Auto reset function with fixed hysteresis or
- Storage of the tripping operation
• Test function with test button and terminal connections on the
front
• Switching output: 1 CO contact
• Insulation fault indication with a red LED
• Supply voltage indication with a green LED
• Electro-magnetically compatible according to EN 50081 and
EN 61000-6-2.
■Function
The monitoring relay measures the insulation resistance
between the ungrounded AC supply and an associated
protective ground conductor.
A superposed DC measuring voltage is used to perform the
measurement.
The monitoring relay is divided into two ranges for an insulation
resistance range from 1 to 100 k
W. A range switch on the front
can be used to switch over between a 1 to 11 k
W range and a
10 to 110 k
W range. Within the selected range, the monitoring
relay can be steplessly adapted to the respective insulation
conditions.
If the insulation resistance undershoots the set threshold, the
output relay is excited and the red LED (fault display) is lit.
If the insulation resistance exceeds 1.6 times (corresponding to
60 % hysteresis) the set threshold, the output relay will return to
the rest position.
Test functions
The "Test" button on the front can be used to simulate a ground
fault. If the "Test" button is pressed for at least 300 ms, the output
relay is energized and the fault LED lights up. An external test
button can be connected to terminal Y1. The function is
activated by closing (> 300 ms).
Fault storage and RESET
If terminals Y1 and Y2 are jumpered, the monitoring relay is set
to fault storage mode. If the set insulation resistance is under-
shot, the output relay is excited and remains tripped even after
the insulation resistance rises above 1.6 times the set value
again. Fault storage can be reset by briefly pressing the RESET
button, briefly jumpering (< 300 ms) the Y1 and PE/ground
terminals or by switching off and on the supply voltage.
Note:
The monitoring relay is designed for AC supply systems.
Series-connected rectifiers must be galvanically isolated from
the measuring relay that is to be monitored.
A1/A2
A1/B2
Y1/Y2
Y1/PE
11/14
11/12
1
2
3
R
4
5
value
Rvalue
Test
NSB0_01393
Test
1
2
3
4
5
= > approx. 300 ms
= Supply voltage
A1-B2/A1-A2 for
115 V/230 V AC
A1-A2 for 24 ... 240 V AC/DC
= Remote connection-
save-reset
= Key on the front -
test/reset
= Insulation resistance R
of network
Set operating value R
= NO contact
1.6 x R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com