Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 63Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 64Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 65Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 66Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 67Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 68Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 69Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 70Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
Monitoring Relays
7/67
Siemens LV 1 T · 2006
3UG Monitoring Relays for Electrical and Additional Measurements
Line monitoring
k
■Dimensional drawings
3UG45 11-
..N20
3UG45 11-
..P20
3UG45 11-
..Q20
3UG45 12
3UG45 13
3UG46 14
3UG46 15
3UG46 16
3UG46 17
3UG46 18
Control circuits
Load capacity of the output relay
• Thermal current limit Ith
A
5
Rated operational current Ie at
• AC-15/230 V/400 V
A
3
• DC-13/24 V
A
1
• DC-13/110 V
A
0.2
• DC-13/230 V
A
0.1
Minimum contact load at 17 V DC
mA
5
Output relay with DIAZED fuse
gl/Gg operational class
A
4
Electrical endurance AC-15
Million
operat-
ing
cycles
0.1
Mechanical endurance
Million
operat-
ing
cycles
10
NSB0_01606
86
5
36
15
22,5
15
22,5
A
B
C
Type
3UG45 11-.A
3UG45 12-.A
3UG45 11-.B
3UG45 12-.B
3UG45 13
3UG46 14
3UG46 15
3UG46 17
3UG46 16
3UG46 18
Removable terminal
Spring-loaded
terminal
84
94
103
Screw-type
connection
83
92
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com