Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 75Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 76Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 77Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 78Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 79Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 80Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 81Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 82Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
Monitoring Relays
7/79
Siemens LV 1 T · 2006
3UG Monitoring Relays for Electrical and Additional Measurements
Insulation monitoring
for ungrounded AC networks
■Technical specifications
■Dimensional drawings
3UG3 081
Control circuits
Operating range of the control supply voltage
-15 % ... +10 %
Rated power
24 ... 240 V AC/DC
VA/W
8/2
110 ... 130 V AC
VA
3
220 ... 240 V AC
VA
3
Frequency of the rated control supply voltage
Hz
50 ... 60
Measurement circuits L/PE/ground
•Operating value
k
1 ... 110
• Minimum internal resistance for AC
k
100
• Minimum internal resistance for DC
k
100
• DC measurement voltage
V
30 DC
• Insulation voltage
V
415 AC
• Reset/test function terminals (max. 10 m)
Y1-Y2
• Delay time in case of response
s
1
Output relay
1 CO contact,
open-circuit principle
General data
Rated insulation voltage Ui
between supply, measurement,
and output circuit
V
400 acc. to IEC 60947-1
Overvoltage category
acc. to IEC 664
III
Degree of pollution
acc. to IEC 664
3
Impulse withstand voltage Uimp
acc. to VDE 0435, Part 303
kV
4
Degree of protection
acc. to EN 60529
IP50 enclosure, IP20 terminals
Shock resistance
acc. to IEC 60068 Part 2-27
g/ms
10
Vibration resistance
acc. to IEC 60068-2-6
Hz/mm 10-55/0.35
Permissible ambient temperature
• During operation
°C
-25 ... 65
• During storage
°C
-40 ... 85
Permissible mounting position
Any
Conductor cross-section
Solid
mm2
2 x 0.75 ... 2.5
Finely stranded with end sleeve
mm2
2 x 0.75 ... 2.5
77
100
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com