Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 79Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 80Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 81Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 82Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 83Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 84Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 85Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 86Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 114 page
background image
Monitoring Relays
7/83
Siemens LV 1 T · 2006
3UG Monitoring Relays for Electrical and Additional Measurements
Level monitoring
■Technical specifications
1) Short-circuits without any contact welding acc. to
DIN VDE 0660 Part 200.
1) The sensor cable does not necessarily have to be shielded, but it is not
recommended to lay this cable parallel to the power supply lines. It is also
possible to use a shielded cable, whereby the shield has to be connected
to the M terminal.
Type
3UG30/3UG35
Load capacity of the output relay
Rated operational current Ie
A
max. 8
AC-15/230 V
A
3
DC-13/24 V
A
1
DC-13/48 V
A
0.45
DC-13/60 V
A
0.35
DC-13/110 V
A
0.2
DC-13/230 V
A
0.1
Minimum contact load
mA
5/17 V for a fault of 1 ppm
Output relay with DIAZED fuse1)
gl/Gg operational class
A
4
Electrical endurance
Operating cycles
1 x 105
Mechanical endurance
Operating cycles
2 x 106
Ambient temperature
During operation
°C
-20 ... + 50
During storage
°C
-30 ... + 70
Connection of conductors
Solid
mm²
2 x (0.5 ... 2.5)
Finely stranded, with end sleeves
mm²
2 x (0.5 ... 1.5)
Degree of protection
Terminals
IP20
Enclosures
IP40
Vibration resistance
acc. to IEC 60068-2-6
Hz/mm 10 ... 150/0.035
Rated control supply voltage Us
V
see Catalog LV 1 (electrical isolation by means of a transformer)
Voltage tolerance
0.85 ... 1.1 x Us
Maximum power consumption
W/VA
3/6
Function
Inlet or outlet monitoring
UNDER/OVER selector switch at the front
Sensitivity
Adjustable
k
W
5 ... 100
Setting accuracy
at maximum sensitivity
%
–30
Repeat accuracy
at constant parameters
%
–0.1
Sensor length
max.
m
100
Electrode voltage
max.
V
24 (50/60 Hz)
Electrode current
max.
mA
1 (50/60 Hz)
Conductor capacity
of the sensor cable1)
nF
10
Delay time
• T1 at Max/M terminal
ms
Typical 500 (ON-delay with OVER, OFF-delay with UNDER)
• T2 at Min/M terminal
ms
Typical 300 (OFF-delay with OVER, ON-delay with UNDER)
Mains buffering time
ms
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com