Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 24Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 25Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 26Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 27Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 28Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 29Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 30Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 31Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
SIMOCODE-DP 3UF5
motor protection and control devices
7/28
Siemens LV 1 T · 2006
• Two speeds, Dahlander winding
• Two speeds, separate winding
•Valve
• Actuator
• Soft starter (3RW)
These control programs already include all the software
interlocks and logic operations required for operation of the
required motor functions.
It is also monitored whether the current checkback of the motor
feeder corresponds with the control command. If not,
SIMOCODE-DP opens the motor contactor and generates an
alarm indication.
The motor can be controlled by any equipment depending on
the application:
• From the process control system or the PC through
PROFIBUS DP
• From the control cabinet door through the operator panel
• From a local control point on the motor, whereby the
pushbuttons/switches are wired to the SIMOCODE-DP inputs
The standard control functions can also be adapted to each
customized variant of a motor feeder by means of freely-
parameterizable elements, such as timers, counters, logic
operations (AND, OR, NOR, etc.).
Furthermore, special standard function blocks are stored in
SIMOCODE-DP:
• Automatic, time-discrete reactivation of motors following
mains failure
The prerequisites are as follows:
- Failure of the three-phase supply must take place through a
separate voltage relay
- The supply voltage of SIMOCODE-DP must not be
interrupted
• Different error signaling modules with and without
acknowledgement
These allow SIMOCODE-DP to trip as a result of external
events (e.g. overspeed monitor has tripped)
• The emergency start function
This resets the thermal memory of SIMOCODE-DP
immediately after overload tripping, i.e. immediate restarting
is possible (important, for example, for a fire-extinguisher
pump)
• The test function for the load feeder
This can be activated by switching off the main switch Q1 (see
the section Schematics) and allows the control circuit to be
checked with the motor branch at zero current.
■Integration
The SIMOCODE-DP modular system offers a wide range of
software packages for system-wide and time-saving
configuration and diagnostics:
• PC software Win-SIMOCODE-DP for start-up and service
• Object manager OM-SIMOCODE for "totally integrated" in
SIMATIC S7
• Function block FB-SIMOCODE for "totally integrated" in PCS7
PC software Win-SIMOCODE-DP for start-up and service
Standard PC software Win-SIMOCODE-DP for start-up and
service. It offers a user-friendly and convenient user-interface
for:
• Parameterization
• Display and diagnostics
• Test functions
• Motor control
Win-SIMOCODE-DP is available in two versions:
• Win-SIMOCODE-DP/Smart
for direct connection to SIMOCODE-DP through the system
interface on the device
• Win-SIMOCODE-DP/Professional
for direct connection to SIMOCODE-DP over PROFIBUS or
directly through the system interface on the device
OM-SIMOCODE object manager for "totally integrated" in
SIMATIC S7
SIMOCODE-DP can be integrated into SIMATIC S7 in two
different ways:
• Conventionally using GSD files
i.e. integration in SIMATIC S7 is identical to integration in any
other DP standard master system
• Using the OM-SIMOCODE-DP object manager
i.e. SIMOCODE-DP becomes an integral component of
STEP 7; the OM-SIMOCODE-DP object manager should, in
this case, always be combined with the start-up and service
software Win-SIMOCODE-DP/Professional
Both software packages must be installed on the PG/PC on
which the hardware configuration of SIMATIC S7 is performed.
This ensures that Win-SIMOCODE-DP/Professional can be
called up directly from HW-Config.
Parameter sets created with Win-SIMOCODE-DP/Professional
are loaded into the STEP 7 data storage by means of OM and
automatically transferred to SIMOCODE-DP during start-up.
Functions specific to SIMATIC S7, such as diagnostic and
hardware interrupts are supported, which means easier S7-wide
configuration as well as optimal performance in the transfer of
diagnostic data.
Function block FB-SIMOCODE for "totally integrated" in
PCS7
With PCS7-FB SIMOCODE-DP it is easy and convenient to
integrate SIMOCODE-DP into the SIMATIC PCS 7 process
control system. PCS7-FB SIMOCODE-DP contains the
diagnostic and driver blocks corresponding with the diagnostic
and driver concept of SIMATIC PCS 7 as well as the elements
(symbols and faceplate) required for operator control and
process monitoring. The application is integrated by graphic
interconnection using the CFC Editor. The technological and
signal processing functions of the PCS7-FB SIMOCODE-DP are
based on the SIMATIC PCS 7 standard libraries (driver blocks,
technological blocks) and are optimally tailored to SIMOCODE-
DP. Users who previously configured motor feeder circuits using
conventional technology by means of signal blocks and motor or
valve blocks, can now easily switch to PCS7-FB SIMOCODE-DP.
The PCS7-FB SIMOCODE-DP supplied on CD-ROM allows the
user to run the required engineering software on one
engineering station (single license) including the runtime
software for executing the AS blocks in an automation system
(single license).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com