Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 65Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 66Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 67Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 68Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 69Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 70Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 71Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 72Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 114 page
background image
Monitoring Relays
7/69
Siemens LV 1 T · 2006
3UG Monitoring Relays for Electrical and Additional Measurements
Voltage monitoring
■Overview
The relays monitor single-phase AC and DC voltages against the
set threshold for overshoot and undershoot. The products differ
with regard to their power supply (internal or external).
■Function
3UG46 33 monitoring relays
The 3UG46 33 voltage monitoring relay has an internal power
supply and performs overshoot, undershoot or window
monitoring of the voltage depending on how it is parameterized.
The device is equipped with a display and is parameterized
using three buttons.
The operating and measuring range extends from 17 V to 275 V
AC/DC. The threshold values for overshoot or undershoot can be
freely configured within this range. If one of these threshold
values is reached, the output relay responds according to the
set principle of operation as soon as the tripping delay time has
elapsed. This delay time UDel can be set from 0.1 to 20 s like the
ON-delay time onDel.
The hysteresis is adjustable from 0.1 to 150 V. The device can be
operated on the basis of either the open-circuit or closed-circuit
principle and with manual or auto RESET. One output
changeover contact is available as signaling contact.
With the closed-circuit principle selected
Overvoltage
Undervoltage
Window monitoring
11/14
11/12
= 0
A1-A2 =
>
Hysteresis
Delay
onDelay
11/14
11/12
= 0
A1-A2 =
<
Hysteresis
Delay
onDelay
A1-A2 =
>
11/14
11/12
= 0
<
Hysteresis
Hysteresis
Delay
onDelay
Delay =
Delay
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com