Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3UG3501 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # 3UG3501
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3UG3501 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button 3UG3501 Datasheet HTML 60Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 61Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 62Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 63Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 64Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 65Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 66Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 67Page - List of Unclassifed Manufacturers 3UG3501 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
Monitoring Relays
3UG Monitoring Relays for Electrical and Additional Measurements
Line monitoring
7/64
Siemens LV 1 T · 2006
3UG45 13 monitoring relays
The 3UG45 13 line monitoring relay monitors three-phase
networks with regard to phase sequence, phase failure, phase
unbalance of 20 % and undervoltage. The device has an internal
power supply and works using the closed-circuit principle. The
hysteresis is 5 %. The integrated response delay time is
adjustable from 0 to 20 s and responds to undervoltage. If the
direction is incorrect, the device switches off immediately.
Thanks to a special measuring method, a phase failure is reliably
detected in spite of the wide voltage range from 160 to 690 V AC
and feedback through the load of up to 80 %. When the mains
supply is switched on, the green LED is lit. If the phase
sequence at the terminals L1-L2-L3 is correct, the output relay
picks up. If the phase sequence is wrong, the red LED flashes
and the output relay remains in its rest position. If a phase fails,
the red LED is permanently lit and the output relay drops.
Note:
The red LED is a fault diagnostic indicator and does not show the
current relay status. The 3UG45 13 monitoring relay is suitable
for line frequencies of 50/60 Hz.
Phase failure and undervoltage
Wrong phase sequence
3UG46 14 monitoring relays
The 3UG46 14 line monitoring relay has a wide voltage range
and an internal power supply. The device is equipped with a
display and is parameterized using three buttons. It monitors
three-phase networks with regard to phase unbalance from 5 to
20 %, phase failure, undervoltage and phase sequence. The
hysteresis is adjustable from 1 to 20 V. In addition, the device
has a response delay and ON delay from 0 to 20 s in each case.
The integrated response delay time responds to phase
unbalance and undervoltage. If the direction is incorrect, the
device switches off immediately. Thanks to a special measuring
method, a phase failure is reliably detected in spite of the wide
voltage range from 160 to 690 V AC and feedback through the
load.
The 3UG46 14 monitoring relay can be operated on the basis of
either the open-circuit or closed-circuit principle and with
manual or auto RESET.
With the closed-circuit principle selected
Wrong phase sequence
Phase failure
Undervoltage
Unbalance
NSB0_01569
11/14
-20%
L1-L2-L3
L2-L3
L1-L2-L3
n
3~U
5%
11/12
21/24
21/22
LED rd
Delay
OFF
OFF
OFF
Hysteresis
ON
Phase loss
ON
11/14
L3-L2-L1
11/12
21/24
21/22
LED rd
FLASH
Phase sequence
OFF
OFF
11/14
L3-L2-L1
11/12
21/24
21/22
11/14
11/12
21/24
21/22
L1-L2-L3
L2-L3
L1-L2-L3
<
21/24
21/22
11/14
11/12
x-y
Hysteresis
Delay
onDelay
> Asy
0%
21/24
21/22
11/14
11/12
Hysteresis
2%
Delay
onDelay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com