Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 196 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 196 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 192Page - ATMEL Corporation PCINT13 Datasheet HTML 193Page - ATMEL Corporation PCINT13 Datasheet HTML 194Page - ATMEL Corporation PCINT13 Datasheet HTML 195Page - ATMEL Corporation PCINT13 Datasheet HTML 196Page - ATMEL Corporation PCINT13 Datasheet HTML 197Page - ATMEL Corporation PCINT13 Datasheet HTML 198Page - ATMEL Corporation PCINT13 Datasheet HTML 199Page - ATMEL Corporation PCINT13 Datasheet HTML 200Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 294 page
background image
196
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Application hint:
The value of the coupling capacity CIN is oriented on data rate to be transmit as well on the
recovery time needed after write command or power on. In automotive immobilizer applica-
tions it is needed for crypto processing to switch over from write to read mode with short
recovery time. Therefore, appropriate values are given by Table 16-2. In case of access con-
trol applications, whereas the recovery time has not so high, a bigger C
IN valu e is
recommended to get an increased read performance.
16.7
Schmitt Trigger
The signal is processed by a Schmitt trigger to suppress possible noise and to make the signal
microcontroller-compatible. The hysteresis level is 100mV applied symmetrically to the DC
operation point. The open-collector output is enabled by a low level at OE (pin 10).
Figure 16-9. Equivalent Circuit of Pin OE
Table 16-2.
Recommended Capacitor Values
Data Rate f = 125 kHz
Input Capacitor 8C
IN)
Decoupling Capacitor (C
HP)
f / 32 = 3.9Kbits/s
680pF
100nF
f / 64 = 1.95Kbits/s
1.2nF
220nF
OE
7µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com