Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 192 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 192 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 188Page - ATMEL Corporation PCINT13 Datasheet HTML 189Page - ATMEL Corporation PCINT13 Datasheet HTML 190Page - ATMEL Corporation PCINT13 Datasheet HTML 191Page - ATMEL Corporation PCINT13 Datasheet HTML 192Page - ATMEL Corporation PCINT13 Datasheet HTML 193Page - ATMEL Corporation PCINT13 Datasheet HTML 194Page - ATMEL Corporation PCINT13 Datasheet HTML 195Page - ATMEL Corporation PCINT13 Datasheet HTML 196Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 294 page
background image
192
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
16.2
Operation Modes for Powering the Reader/Writer Front End
The following section explains the three different operation modes used to power the
Reader/Writer front end.
16.2.1
5V Operation
In this mode all internal circuits are operated from one 5V power rail (see Figure 16-2).
In this
case, V
S, VEXT and DVS serve as inputs. VBatt is not used but should also be connected to the
5V supply rail.
Figure 16-2. 5V Supply
16.2.2
Increased Power Operation
In this mode the driver voltage, D
VS, and the pre-driver supply, VEXT, are operated at a higher
voltage than the rest of the circuitry to obtain a higher driver-output swing and thus a higher
magnetic field (see Figure 16-3). The internal supply voltage V
S is derived from VBatt input volt-
age and needs capacitor circuitry, at VS pin for blocking. This operation mode is intended for
use in applications requiring extended communication distance.
Figure 16-3. 8V Supply
V
Batt
Standby
+5V (stabilized)
+
V
S
V
EXT
DV
S
+
V
Batt
Standby
+
V
S
V
EXT
DV
S
7V to 8V (stabilized)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com