Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 4 Page - ATMEL Corporation

  PCINT13 Datasheet HTML 1Page - ATMEL Corporation PCINT13 Datasheet HTML 2Page - ATMEL Corporation PCINT13 Datasheet HTML 3Page - ATMEL Corporation PCINT13 Datasheet HTML 4Page - ATMEL Corporation PCINT13 Datasheet HTML 5Page - ATMEL Corporation PCINT13 Datasheet HTML 6Page - ATMEL Corporation PCINT13 Datasheet HTML 7Page - ATMEL Corporation PCINT13 Datasheet HTML 8Page - ATMEL Corporation PCINT13 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 294 page
background image
4
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
1.1
System Block Diagram
The system block diagram for a stand alone reader application is shown in Figure 1-1. No
additional microcontroller is required..
Figure 1-1.
System Block Diagram - Stand Alone Reader
A system block diagram for a reader station application with a LIN transceiver IC is shown in
Figure 1-2. The reader is then communicating with a central unit.
Figure 1-2.
System Block Diagram - Reader with LIN Connection
All Atmel
® LF-RFID tag ICs can be read by the ATA5505: e5530, TK5530, e5551, T5551,
TK5551, e5552, TK5552, e5554, T5555, Q5, T5557, ATA5567, ATA5558, T5561, TK5561,
ATA5577, ATA5575.
1.2
Block Diagram
In Figure 1-3 on page 5 the basic architecture of the Atmel ATA5505 consisting of the Atmel
AVR and the front end is shown. The Atmel AVR is a low-power CMOS 8-bit microcontroller
with RISC architecture. The Atmel AVR includes several features. The main features are
in-system programmable Flash, EEPROM, SRAM, Ports A and B as general purpose I/O
lines, a timer and a LIN controller. The details of the front end are shown in Figure 1-4 on page
5.
NF
Read Channel
Frontend
MCU
Core
Immobilizer
Stack
SPI
T/ATA5551
ATA5557/67
ATA5577
ATA5558
ATA5575
Q5
Successor
Osc
Atmel ATA5505
NF
Read Channel
MCU
Core
Immobilizer
Stack
LIN
UART
LIN
TRx
Central
Unit
T/ATA5551
ATA5557/67
ATA5577
ATA5558
ATA5575
Q5
Successor
Osc
Atmel ATA5505
Reader
Frontend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com