Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 3Page - ATMEL Corporation PCINT13 Datasheet HTML 4Page - ATMEL Corporation PCINT13 Datasheet HTML 5Page - ATMEL Corporation PCINT13 Datasheet HTML 6Page - ATMEL Corporation PCINT13 Datasheet HTML 7Page - ATMEL Corporation PCINT13 Datasheet HTML 8Page - ATMEL Corporation PCINT13 Datasheet HTML 9Page - ATMEL Corporation PCINT13 Datasheet HTML 10Page - ATMEL Corporation PCINT13 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 294 page
background image
7
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
5
PB6
PCINT14
ADC9
OC1AX
INT0
GPIO Port B – Pin 6
PCINT14 (Pin Change Interrupt 14)
ADC9 (ADC Input Channel 9)
OC1AX (Output Compare and PWM Output A-X for Timer/Counter 1)
INT0 (External Interrupt0 Input)
6
PB5
PCINT13
ADC8
OC1BW
XTAL2
CLKO
GPIO Port B – Pin 5
PCINT13 (Pin Change Interrupt 13)
ADC8 (ADC Input Channel 8)
OC1BW (Output Compare and PWM Output B-W for Timer/Counter 1)
XTAL2 (Chip Clock Oscillator Pin 2)
CLKO (System Clock Output)
7
PB4
PCINT12
OC1AW
XTAL1
CLKI
GPIO Port B – Pin 4
PCINT12 (Pin Change Interrupt 12)
OC1AW (Output Compare and PWM Output A-W for Timer/Counter 1)
XTAL1 (Chip clock Oscillator pin 1)
CLKI (External Clock Input)
8VDD
Atmel® AVR® Supply Voltage
9
OUTPUT
Reader Data Output
10
OE
Reader Station Data Output Enable
11
INPUT
Reader Station Data Input
12
MS
Reader Station Mode Select
13
CFE
Reader Station: Carrier Frequency Enable
14
DGND
Digital Ground (Driver Ground)
15
COIL 2
Reader Coil Driver 2
16
COIL 1
Reader Coil Driver 1
17
VEXT
Reader External Power Supply
18
DVS
Reader Driver Supply Voltage
19
GND
Ground
20
VBATT
Battery Voltage for Reader
21
STANDBY
Front End Standby Input
22
VS
Internal Power Supply (5V) for Reader
23
HIPASS
HIPASS DC Decoupling (Gain)
24
RF
Frequency Adjustment
25
PB3
PCINT11
OC1BV
GPIO Port B - Pin 3
PCINT11 (Pin Change Interrupt 11)
OC1BV (Output Compare and PWM Output B-V for Timer/Counter 1)
26
PB2
PCINT10
OC1AV
USCK
SCL
GPIO Port B – Pin 2
PCINT10 (Pin Change Interrupt 10)
OC1AV (Output Compare and PWM Output A-V for Timer/Counter 1)
USCK (Three-wire Mode USI Default Clock Input)
SCL (Two-wire Mode USI Default Clock Input)
27
PB1
PCINT9
OC1BU
DO
GPIO Port B – Pin 1
PCINT9 (Pin Change Interrupt 9)
OC1BU (Output Compare and PWM Output B-U for Timer/Counter 1)
DO (Three-wire Mode USI Default Data Output)
Table 1-1.
Pin Description
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com