Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 27Page - ATMEL Corporation PCINT13 Datasheet HTML 28Page - ATMEL Corporation PCINT13 Datasheet HTML 29Page - ATMEL Corporation PCINT13 Datasheet HTML 30Page - ATMEL Corporation PCINT13 Datasheet HTML 31Page - ATMEL Corporation PCINT13 Datasheet HTML 32Page - ATMEL Corporation PCINT13 Datasheet HTML 33Page - ATMEL Corporation PCINT13 Datasheet HTML 34Page - ATMEL Corporation PCINT13 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 294 page
background image
31
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Notes:
1. If 8 MHz frequency exceeds the specification of the device (depends on V
CC), the CKDIV8
fuse can be programmed in order to divide the internal frequency by 8.
2. The frequency ranges are guideline values.
3. The device is shipped with this CKSEL = “0010”.
4. Flash Fuse bits.
5. CLKSELR register bits.
When this Oscillator is selected, start-up times are determined by the SUT Fuses or by CSUT
field as shown in Table 4-4.
Notes:
1. Flash Fuse bits
2. CLKSELR register bits
3. This setting is only available if RSTDISBL fuse is not set
4. The device is shipped with this option selected.
4.2.3
128 KHz Internal Oscillator
The 128KHz internal Oscillator is a low power Oscillator providing a clock of 128KHz. The fre-
quency is nominal at 3V and 25°C. This clock may be selected as the system clock by
programming CKSEL Fuses or CSEL field as shown in Table 4-1 on page 29.
When this clock source is selected, start-up times are determined by the SUT Fuses or by
CSUT field as shown in Table 4-5.
Notes:
1. Flash Fuse bits
2. CLKSELR register bits
3. This setting is only available if RSTDISBL fuse is not set
Table 4-3.
Internal Calibrated RC Oscillator Operating Modes
(1)
Frequency Range(2) (MHz)
CKSEL3..0
(3)(4)
CSEL3..0
(5)
7.6 - 8.4
0010
Table 4-4.
Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1..0(1)
CSUT1..0(2)
Start-up Time from
Power-down/save
Additional Delay from
Reset (V
CC = 5.0V)
Recommended Usage
00(3)
6CK
14CK
BOD enabled
01
6CK
14CK + 4.1 ms
Fast rising power
10(4)
6CK
14CK + 65 ms
Slowly rising power
11
Reserved
Table 4-5.
Start-up Times for the 128 kHz Internal Oscillator
SUT1..0(1)
CSUT1..0(2)
Start-up Time from
Power-down/save
Additional Delay
from Reset (V
CC = 5.0V)
Recommended Usage
00(3)
6CK
14CK
BOD enabled
01
6CK
14CK + 4.1ms
Fast rising power
10
6CK
14CK + 65ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com