Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 31Page - ATMEL Corporation PCINT13 Datasheet HTML 32Page - ATMEL Corporation PCINT13 Datasheet HTML 33Page - ATMEL Corporation PCINT13 Datasheet HTML 34Page - ATMEL Corporation PCINT13 Datasheet HTML 35Page - ATMEL Corporation PCINT13 Datasheet HTML 36Page - ATMEL Corporation PCINT13 Datasheet HTML 37Page - ATMEL Corporation PCINT13 Datasheet HTML 38Page - ATMEL Corporation PCINT13 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 294 page
background image
35
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Notes:
1. Flash Fuse bits.
2. CLKSELR register bits.
3. Additional delay (+ 4ms) available if RSTDISBL fuse is set.
Note that the System Clock Prescaler can be used to implement run-time changes of the inter-
nal clock frequency while still ensuring stable operation. Refer to “System Clock Prescaler” on
page 41 for details.
4.2.7
Clock Output Buffer
If not using a crystal oscillator, the device can output the system clock on the CLKO pin. To
enable the output, the CKOUT Fuse or COUT bit of CLKSELR register has to be programmed.
This option is useful when the device clock is needed to drive other circuits on the system.
Note that the clock will not be output during reset and the normal operation of I/O pin will be
overridden when the fuses are programmed. If the System Clock Prescaler is used, it is the
divided system clock that is output.
4.3
Dynamic Clock Switch
4.3.1
Features
The Atmel
® AVR® provides a powerful dynamic clock switch circuit that allows users to turn on
and off clocks of the device on the fly. The built-in de-glitching circuitry allows clocks to be
enabled or disabled asynchronously. This enables efficient power management schemes to
be implemented easily and quickly. In a safety application, the dynamic clock switch circuit
allows continuous monitoring of the external clock permitting a fallback scheme in case of
clock failure.
The control of the dynamic clock switch circuit must be supervised by software. This operation
is facilitated by the following features:
• Safe commands, to avoid unintentional commands, a special write procedure must be
followed to change the CLKCSR register bits (See “CLKPR – Clock Prescaler Register” on
page 42.):
• Exclusive action, the actions are controlled by a decoding table (commands) written to the
CLKCSR register. This ensures that only one command operation can be launched at any
time. The main actions of the decoding table are:
–‘Disable Clock Source’,
–‘Enable Clock Source’,
–‘Request Clock Availability’,
–‘Clock Source Switching’,
Table 4-9.
Start-up Times for the External Clock Selection
SUT1..0(1)
CSUT1..0(2)
Start-up Time from
Power-down/save
Additional Delay from Reset
(V
CC = 5.0V)
Recommended Usage
00
6CK
14CK (+ 4.1ms(3))
BOD enabled
01
6CK
14CK + 4.1ms
Fast rising power
10
6CK
14CK + 65ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com