Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 7Page - ATMEL Corporation PCINT13 Datasheet HTML 8Page - ATMEL Corporation PCINT13 Datasheet HTML 9Page - ATMEL Corporation PCINT13 Datasheet HTML 10Page - ATMEL Corporation PCINT13 Datasheet HTML 11Page - ATMEL Corporation PCINT13 Datasheet HTML 12Page - ATMEL Corporation PCINT13 Datasheet HTML 13Page - ATMEL Corporation PCINT13 Datasheet HTML 14Page - ATMEL Corporation PCINT13 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 294 page
background image
11
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
2.
AVR CPU Core
2.1
Overview
This section discusses the Atmel
® AVR® core architecture in general. The main function of the
CPU core is to ensure correct program execution. The CPU must therefore be able to access
memories, perform calculations, control peripherals, and handle interrupts.
Figure 2-1.
Block Diagram of the Atmel AVR Architecture
In order to maximize performance and parallelism, the Atmel AVR uses a Harvard architecture
– with separate memories and buses for program and data. Instructions in the Program mem-
ory are executed with a single level pipelining. While one instruction is being executed, the
next instruction is pre-fetched from the Program memory. This concept enables instructions to
be executed in every clock cycle. The Program memory is In-System Reprogrammable Flash
memory. The fast-access Register File contains 32 x 8-bit general purpose working registers
with a single clock cycle access time. This allows single-cycle Arithmetic Logic Unit (ALU)
operation. In a typical ALU operation, two operands are output from the Register File, the
operation is executed, and the result is stored back in the Register File – in one clock cycle.
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
EEPROM
Data Bus 8-bit
I/O Lines
Data
SRAM
I/O Module 2
Analog
Comparator
I/O Module1
Watchdog
Timer
I/O Module n
Interrupt
Unit
A.D.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com