Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 193 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 193 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 189Page - ATMEL Corporation PCINT13 Datasheet HTML 190Page - ATMEL Corporation PCINT13 Datasheet HTML 191Page - ATMEL Corporation PCINT13 Datasheet HTML 192Page - ATMEL Corporation PCINT13 Datasheet HTML 193Page - ATMEL Corporation PCINT13 Datasheet HTML 194Page - ATMEL Corporation PCINT13 Datasheet HTML 195Page - ATMEL Corporation PCINT13 Datasheet HTML 196Page - ATMEL Corporation PCINT13 Datasheet HTML 197Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 294 page
background image
193
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
16.2.3
Car Battery-voltage Operation
In this operation mode V
S and VEXT are generated by the internal power supply, no external
voltage regulator is required. The IC can be switched off via the STANDBY pin. V
EXT provides
the reference voltage for the external NPN transistor. In case of external use of VEXT a nega-
tive impact to the reader performance by the load has to be considered.
Pin V
EXT and VBatt are overvoltage protected via internal Zener diodes (see Figure 16-1 on
page 191). The maximum current into the pins is determined by the IC’s maximum power dis-
sipation and maximum junction temperature.
Figure 16-4. Car Battery Operation
V
Batt
Standby
V
S
V
EXT
DV
S
7V to 16V
+
+
+
Table 16-1.
Characteristics of the Various Operation Modes
Operation Mode
External Components Required
Supply-voltage Range
Driver Output
Voltage Swing
Standby Mode
Available
5V operation
1 voltage regulator
1 capacitor
5V ±10%
≈ 4V
No
Increased power operation
1 voltage regulator
2 capacitors
7V to 8V
6V to 7V
Yes
Car battery-voltage
operation
1 transistor
2 capacitors
Optional, for load dump protection:
1 resistor
1 capacitor
6V to 16V
≈ 4V
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com