Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 199 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 199 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 195Page - ATMEL Corporation PCINT13 Datasheet HTML 196Page - ATMEL Corporation PCINT13 Datasheet HTML 197Page - ATMEL Corporation PCINT13 Datasheet HTML 198Page - ATMEL Corporation PCINT13 Datasheet HTML 199Page - ATMEL Corporation PCINT13 Datasheet HTML 200Page - ATMEL Corporation PCINT13 Datasheet HTML 201Page - ATMEL Corporation PCINT13 Datasheet HTML 202Page - ATMEL Corporation PCINT13 Datasheet HTML 203Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 294 page
background image
199
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
17. ISRC - Current Source
17.1
Features
• 100µA Constant current source
• ±10% Absolute Accuracy
The Atmel
® AVR® features a 100µA ±10% Current Source. Up on request, the current is flow-
ing through an external resistor. The voltage can be measured on the dedicated pin shared
with the ADC. Using a resistor in series with a
≤ 0.5% tolerance is recommended. To protect
the device against big values, the ADC must be configured with AV
CC as internal reference to
perform the first measurement. Afterwards, another internal reference can be chosen accord-
ing to the previous measured value to refine the result.
When ISRCEN bit is set, the ISRC pin sources 100µA. Otherwise this pin keeps its initial
function.
Figure 17-1. Current Source Block Diagram
17.2
Typical Applications
17.2.1
LIN Current Source
During the configuration of a LIN node in a cluster, it may be necessary to attribute dynami-
cally an unique physical address to every cluster node. The way to do it is not described in the
LIN protocol.
The Current Source offers an excellent solution to associate a physical address to the applica-
tion supported by the LIN node. A full dynamic node configuration can be used to set-up the
LIN nodes in a cluster.
The Atmel AVR proposes to have an external resistor used in conjunction with the Current
Source. The device measures the voltage to the boundaries of the resistance via the Analog to
Digital converter. The resulting voltage defines the physical address that the communication
handler will use when the node will participate in LIN communication.
AVCC
ADC Input
External
Resistor
ISRCEN
ADCn/ ISRC
100 uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com