Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 202 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 202 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 198Page - ATMEL Corporation PCINT13 Datasheet HTML 199Page - ATMEL Corporation PCINT13 Datasheet HTML 200Page - ATMEL Corporation PCINT13 Datasheet HTML 201Page - ATMEL Corporation PCINT13 Datasheet HTML 202Page - ATMEL Corporation PCINT13 Datasheet HTML 203Page - ATMEL Corporation PCINT13 Datasheet HTML 204Page - ATMEL Corporation PCINT13 Datasheet HTML 205Page - ATMEL Corporation PCINT13 Datasheet HTML 206Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 294 page
background image
202
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
18. ADC – Analog to Digital Converter
18.1
Features
• 10-bit Resolution
• 1.0 LSB Integral Non-linearity
• ±2 LSB Absolute Accuracy
• 13 - 260 µs Conversion Time (Low - High Resolution)
• Up to 15 kSPS at Maximum Resolution
• 11 Multiplexed Single Ended Input Channels
• 8 Differential input pairs with selectable gain
• Temperature sensor input channel
• Voltage from Internal Current Source Driving (ISRC)
• Optional Left Adjustment for ADC Result Readout
• 0 - AV
CC ADC Input Voltage Range
• Selectable 1.1V / 2.56V ADC Voltage Reference
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
• Unipolar / Bipolar Input Mode
• Input Polarity Reversal Mode
18.2
Overview
The Atmel
® AVR® features a 10-bit successive approximation ADC. The ADC is connected to
a 11-channel Analog Multiplexer which allows 16 differential voltage input combinations and
11 single-ended voltage inputs constructed from the pins PA7..PA0 or PB7..PB4. The differen-
tial input is equipped with a programmable gain stage, providing amplification steps of 8x or
20x on the differential input voltage before the A/D conversion. The single-ended voltage
inputs refer to 0V (AGND).
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC
is held at a constant level during conversion. A block diagram of the ADC is shown in Figure
18-1.
Internal reference voltages of nominally 1.1V or 2.56V are provided On-chip. Alternatively,
AV
CC can be used as reference voltage for single ended channels. There are also options to
output the internal 1.1V or 2.56V reference voltages or to input an external voltage reference
and turn-off the internal voltage reference. These options are selected using the REFS[1:0]
bits of the ADMUX control register and using AREFEN and XREFEN bits of the AMISCR con-
trol register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com