Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 205 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 205 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 201Page - ATMEL Corporation PCINT13 Datasheet HTML 202Page - ATMEL Corporation PCINT13 Datasheet HTML 203Page - ATMEL Corporation PCINT13 Datasheet HTML 204Page - ATMEL Corporation PCINT13 Datasheet HTML 205Page - ATMEL Corporation PCINT13 Datasheet HTML 206Page - ATMEL Corporation PCINT13 Datasheet HTML 207Page - ATMEL Corporation PCINT13 Datasheet HTML 208Page - ATMEL Corporation PCINT13 Datasheet HTML 209Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 294 page
background image
205
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
18.4
Starting a Conversion
A single conversion is started by writing a logical one to the ADC Start Conversion bit, ADSC.
This bit stays high as long as the conversion is in progress and will be cleared by hardware
when the conversion is completed. If a different data channel is selected while a conversion is
in progress, the ADC will finish the current conversion before performing the channel change.
Alternatively, a conversion can be triggered automatically by various sources. Auto Triggering
is enabled by setting the ADC Auto Trigger Enable bit, ADATE in ADCSRA register. The trig-
ger source is selected by setting the ADC Trigger Select bits, ADTS in ADCSRB register (see
description of the ADTS bits for a list of the trigger sources). When a positive edge occurs on
the selected trigger signal, the ADC prescaler is reset and a conversion is started. This pro-
vides a method of starting conversions at fixed intervals. If the trigger signal still is set when
the conversion completes, a new conversion will not be started. If another positive edge
occurs on the trigger signal during conversion, the edge will be ignored. Note that an Interrupt
Flag will be set even if the specific interrupt is disabled or the Global Interrupt Enable bit in
SREG register is cleared. A conversion can thus be triggered without causing an interrupt.
However, the Interrupt Flag must be cleared in order to trigger a new conversion at the next
interrupt event.
Figure 18-2. ADC Auto Trigger Logic
Using the ADC Interrupt Flag as a trigger source makes the ADC start a new conversion as
soon as the ongoing conversion has finished. The ADC then operates in Free Running mode,
constantly sampling and updating the ADC Data Register. The first conversion must be started
by writing a logical one to the ADSC bit in ADCSRA register. In this mode the ADC will perform
successive conversions independently of whether the ADC Interrupt Flag, ADIF is cleared or
not.
If Auto Triggering is enabled, single conversions can be started by writing ADSC in ADCSRA
register to one. ADSC can also be used to determine if a conversion is in progress. The ADSC
bit will be read as one during a conversion, independently of how the conversion was started.
ADSC
ADIF
SOURCE 1
SOURCE n
ADTS[2:0]
Conversion
Logic
ADC Prescaler
Start
CLK
ADC
CLK
IO
. . .
. . .
. . .
. . .
Edge
Detector
ADATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com