Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 211Page - Renesas Technology Corp R8C/29 Datasheet HTML 212Page - Renesas Technology Corp R8C/29 Datasheet HTML 213Page - Renesas Technology Corp R8C/29 Datasheet HTML 214Page - Renesas Technology Corp R8C/29 Datasheet HTML 215Page - Renesas Technology Corp R8C/29 Datasheet HTML 216Page - Renesas Technology Corp R8C/29 Datasheet HTML 217Page - Renesas Technology Corp R8C/29 Datasheet HTML 218Page - Renesas Technology Corp R8C/29 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 198 of 441
REJ09B0279-0210
Figure 14.47
TRCIOR0 Register for Output Compare Function
Timer RC I/O Control Register 0
Symbol
Address
After Reset
TRCIOR0
0124h
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
TRCGRA mode select bit(1)
Set to 0 (output compare) in the output compare
function.
RW
TRCGRA input capture input
sw itch bit
Set to 1.
RW
RW
RW
IOA1
IOA0
TRCGRA control bits
b1 b0
0 0 : Disable pin output by compare
match (TRCIOA pin functions as the
programmable I/O port)
0 1 : “L” output by compare match in
the TRCGRA register
1 0 : “H” output by compare match in
the TRCGRA register
1 1 : Toggle output by compare match
in the TRCGRA register
b7 b6 b5 b4
0
b3 b2
IOA3
b1 b0
10
IOA2
—
(b7)
IOB2
RW
TRCGRB control bits
b5 b4
0 0 : Disable pin output by compare
match (TRCIOB pin functions as the
programmable I/O port)
0 1 : “L” output by compare match in
the TRCGRB register
1 0 : “H” output by compare match in
the TRCGRB register
1 1 : Toggle output by compare match
in the TRCGRB register
When the BFD bit in the TRCMR register is set to 1 (buffer register of TRCGRB register), set the IOD2 bit in the
TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register.
—
IOB0
IOB1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
When the BFC bit in the TRCMR register is set to 1 (buffer register of TRCGRA register), set the IOC2 bit in the
TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register.
TRCGRB mode select bit(2)
Set to 0 (output compare) in the output compare
function.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com