Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 206Page - Renesas Technology Corp R8C/29 Datasheet HTML 207Page - Renesas Technology Corp R8C/29 Datasheet HTML 208Page - Renesas Technology Corp R8C/29 Datasheet HTML 209Page - Renesas Technology Corp R8C/29 Datasheet HTML 210Page - Renesas Technology Corp R8C/29 Datasheet HTML 211Page - Renesas Technology Corp R8C/29 Datasheet HTML 212Page - Renesas Technology Corp R8C/29 Datasheet HTML 213Page - Renesas Technology Corp R8C/29 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 193 of 441
REJ09B0279-0210
Figure 14.43
TRCIOR0 Register for Input Capture Function
Timer RC I/O Control Register 0
Symbol
Address
After Reset
TRCIOR0
0124h
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
TRCGRB control bits
b5 b4
0 0 : Input capture to the TRCGRB register
at the rising edge
0 1 : Input capture to the TRCGRB register
at the falling edge
1 0 : Input capture to the TRCGRB register
at both edges
1 1 : Do not set.
When the BFD bit in the TRCMR register is set to 1 (buffer register of TRCGRB register), set the IOD2 bit in the
TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register.
—
IOB0
IOB1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
When the BFC bit in the TRCMR register is set to 1 (buffer register of TRCGRA register), set the IOC2 bit in the
TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register.
TRCGRB mode select bit(2)
Set to 1 (input capture) in the input capture
function.
RW
b3 b2
IOA3
b1 b0
1
IOA2
1
b7 b6 b5 b4
RW
RW
IOA1
IOA0
TRCGRA control bits
b1 b0
0 0 : Input capture to the TRCGRA register
at the rising edge
0 1 : Input capture to the TRCGRA register
at the falling edge
1 0 : Input capture to the TRCGRA register
at both edges
1 1 : Do not set.
The IOA3 bit is enabled w hen the IOA2 bit is set to 1 (input capture function).
TRCGRA mode select bit(1)
Set to 1 (input capture) in the input capture
function.
RW
TRCGRA input capture input
sw itch bit(3)
0 : fOCO128 signal
1 : TRCIOA pin input
RW
—
(b7)
IOB2
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com