Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 162Page - Renesas Technology Corp R8C/29 Datasheet HTML 163Page - Renesas Technology Corp R8C/29 Datasheet HTML 164Page - Renesas Technology Corp R8C/29 Datasheet HTML 165Page - Renesas Technology Corp R8C/29 Datasheet HTML 166Page - Renesas Technology Corp R8C/29 Datasheet HTML 167Page - Renesas Technology Corp R8C/29 Datasheet HTML 168Page - Renesas Technology Corp R8C/29 Datasheet HTML 169Page - Renesas Technology Corp R8C/29 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 471 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 149 of 441
REJ09B0279-0210
Figure 14.10
TRAIOC Register in Pulse Period Measurement Mode
Timer RA I/O Control Register
Symbol
Address
After Reset
TRAIOC
0101h
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/TRAIO select bit
0 : INT1
_____
/TRAIO pin (P1_7)
1 : INT1
_____
/TRAIO pin (P1_5)
NOTE:
1.
—
(b7-b6)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
TRAO output enable bit
TRAIO input filter select
bits(1)
b5 b4
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling
Set to 0 in pulse period measurement mode.
TEDGSEL
RW
TRAIO polarity sw itch bit
—
TOPCR
RW
TOENA
RW
RW
TIPF0
RW
TRAIO output control bit
TIPF1
b7 b6 b5 b4
When the same value from the TRAIO pin is sampled three times continuously, the input is determined.
b3 b2
TIOSEL
b1 b0
0 : Measures measurement pulse from one
rising edge to next rising edge
1 : Measures measurement pulse from one
falling edge to next falling edge
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com