Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 114Page - Renesas Technology Corp R8C/29 Datasheet HTML 115Page - Renesas Technology Corp R8C/29 Datasheet HTML 116Page - Renesas Technology Corp R8C/29 Datasheet HTML 117Page - Renesas Technology Corp R8C/29 Datasheet HTML 118Page - Renesas Technology Corp R8C/29 Datasheet HTML 119Page - Renesas Technology Corp R8C/29 Datasheet HTML 120Page - Renesas Technology Corp R8C/29 Datasheet HTML 121Page - Renesas Technology Corp R8C/29 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 471 page
background image
R8C/28 Group, R8C/29 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 101 of 441
REJ09B0279-0210
10.7
Notes on Clock Generation Circuit
10.7.1
Stop Mode
When entering stop mode, set the FMR01 bit in the FMR0 register to 0 (CPU rewrite mode disabled) and the
CM10 bit in the CM1 register to 1 (stop mode). An instruction queue pre-reads 4 bytes from the instruction
which sets the CM10 bit to 1 (stop mode) and the program stops.
Insert at least 4 NOP instructions following the JMP.B instruction after the instruction which sets the CM10 bit
to 1.
• Program example to enter stop mode
BCLR
1,FMR0
; CPU rewrite mode disabled
BSET
0,PRCR
; Protect disabled
FSET
I
; Enable interrupt
BSET
0,CM1
; Stop mode
JMP.B
LABEL_001
LABEL_001 :
NOP
NOP
NOP
NOP
10.7.2
Wait Mode
When entering wait mode, set the FMR01 bit in the FMR0 register to 0 (CPU rewrite mode disabled) and
execute the WAIT instruction. An instruction queue pre-reads 4 bytes from the WAIT instruction and the
program stops. Insert at least 4 NOP instructions after the WAIT instruction.
• Program example to execute the WAIT instruction
BCLR
1,FMR0
; CPU rewrite mode disabled
FSET
I
; Enable interrupt
WAIT
; Wait mode
NOP
NOP
NOP
NOP
10.7.3
Oscillation Stop Detection Function
Since the oscillation stop detection function cannot be used if the XIN clock frequency is 2 MHz or below, set
bits OCD1 to OCD0 to 00b.
10.7.4
Oscillation Circuit Constants
Ask the manufacturer of the oscillator to specify the best oscillation circuit constants for your system.
To use this MCU with supply voltage below VCC = 2.7 V, it is recommended to set the CM11 bit in the CM1
register to 1 (on-chip feedback resistor disabled), the CM15 bit to 1 (high drive capacity), and connect the
feedback resistor to the chip externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com