Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 451Page - Renesas Technology Corp R8C/29 Datasheet HTML 452Page - Renesas Technology Corp R8C/29 Datasheet HTML 453Page - Renesas Technology Corp R8C/29 Datasheet HTML 454Page - Renesas Technology Corp R8C/29 Datasheet HTML 455Page - Renesas Technology Corp R8C/29 Datasheet HTML 456Page - Renesas Technology Corp R8C/29 Datasheet HTML 457Page - Renesas Technology Corp R8C/29 Datasheet HTML 458Page - Renesas Technology Corp R8C/29 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 471 page
background image
R8C/28 Group, R8C/29 Group Appendix 2. Connection Examples between Serial Writer and On-Chip Debugging Emulator
Rev.2.10
Sep 26, 2008
Page 438 of 441
REJ09B0279-0210
Appendix 2. Connection Examples between Serial Writer and On-Chip
Debugging Emulator
Appendix Figure 2.1 shows a Connection Example with M16C Flash Starter (M3A-0806) and Appendix Figure 2.2
shows a Connection Example with E8 Emulator (R0E000080KCE00).
Appendix Figure 2.1
Connection Example with M16C Flash Starter (M3A-0806)
Appendix Figure 2.2
Connection Example with E8 Emulator (R0E000080KCE00)
RXD 4
7 VSS
1 VCC
10
M16C Flash Starter
(M3A-0806)
RXD
TXD
VSS
VCC
TXD
RESET
MODE
Connect oscillation circuit(1)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NOTE:
1. An oscillation circuit must be connected, even when operating with the on-chip oscillator clock.
NOTE:
1. It is not necessary to connect an oscillation circuit when
operating with the on-chip oscillator clock.
E8 emulator
(R0E000080KCE00)
RESET
12
10
8
6
4
2
VSS
13
7 MODE
VCC
14
VSS
VCC
Connect oscillation circuit(1)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
MODE
4.7k
Ω ±10%
4.7k
Ω or more
Open collector buffer
User logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com