Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 440Page - Renesas Technology Corp R8C/29 Datasheet HTML 441Page - Renesas Technology Corp R8C/29 Datasheet HTML 442Page - Renesas Technology Corp R8C/29 Datasheet HTML 443Page - Renesas Technology Corp R8C/29 Datasheet HTML 444Page - Renesas Technology Corp R8C/29 Datasheet HTML 445Page - Renesas Technology Corp R8C/29 Datasheet HTML 446Page - Renesas Technology Corp R8C/29 Datasheet HTML 447Page - Renesas Technology Corp R8C/29 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 471 page
background image
R8C/28 Group, R8C/29 Group
21. Usage Notes
Rev.2.10
Sep 26, 2008
Page 427 of 441
REJ09B0279-0210
21.3.4.3
Time Reading Procedure of Real-Time Clock Mode
In real-time clock mode, read registers TRESEC, TREMIN, TREHR, and TREWK when time data is updated
and read the PM bit in the TRECR1 register when the BSY bit is set to 0 (not while data is updated).
Also, when reading several registers, an incorrect time will be read if data is updated before another register is
read after reading any register.
In order to prevent this, use the reading procedure shown below.
• Using an interrupt
Read necessary contents of registers TRESEC, TREMIN, TREHR, and TREWK and the PM bit in the
TRECR1 register in the timer RE interrupt routine.
• Monitoring with a program 1
Monitor the IR bit in the TREIC register with a program and read necessary contents of registers TRESEC,
TREMIN, TREHR, and TREWK and the PM bit in the TRECR1 register after the IR bit in the TREIC
register is set to 1 (timer RE interrupt request generated).
• Monitoring with a program 2
(1) Monitor the BSY bit.
(2) Monitor until the BSY bit is set to 0 after the BSY bit is set to 1 (approximately 62.5 ms while the BSY
bit is set to 1).
(3) Read necessary contents of registers TRESEC, TREMIN, TREHR, and TREWK and the PM bit in the
TRECR1 register after the BSY bit is set to 0.
• Using read results if they are the same value twice
(1) Read necessary contents of registers TRESEC, TREMIN, TREHR, and TREWK and the PM bit in the
TRECR1 register.
(2) Read the same register as (1) and compare the contents.
(3) Recognize as the correct value if the contents match. If the contents do not match, repeat until the read
contents match with the previous contents.
Also, when reading several registers, read them as continuously as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com