Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 408Page - Renesas Technology Corp R8C/29 Datasheet HTML 409Page - Renesas Technology Corp R8C/29 Datasheet HTML 410Page - Renesas Technology Corp R8C/29 Datasheet HTML 411Page - Renesas Technology Corp R8C/29 Datasheet HTML 412Page - Renesas Technology Corp R8C/29 Datasheet HTML 413Page - Renesas Technology Corp R8C/29 Datasheet HTML 414Page - Renesas Technology Corp R8C/29 Datasheet HTML 415Page - Renesas Technology Corp R8C/29 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 471 page
background image
R8C/28 Group, R8C/29 Group
20. Electrical Characteristics
Rev.2.10
Sep 26, 2008
Page 395 of 441
REJ09B0279-0210
20.2
J, K Version
NOTES:
1. VCC = 2.7 to 5.5 V at Topr = -40 to 85
°C (J version) / -40 to 125°C (K version), unless otherwise specified.
2. The average output current indicates the average value of current measured during 100 ms.
Table 20.34
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC/AVCC
Supply voltage
-0.3 to 6.5
V
VI
Input voltage
-0.3 to VCC + 0.3
V
VO
Output voltage
-0.3 to VCC + 0.3
V
Pd
Power dissipation
-40
°C ≤ Topr ≤ 85 °C300
mW
85
°C ≤ Topr ≤ 125 °C125
mW
Topr
Operating ambient temperature
-40 to 85 (J version) /
-40 to 125 (K version)
°C
Tstg
Storage temperature
-65 to 150
°C
Table 20.35
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC
Supply voltage
2.7
−
5.5
V
VSS/AVSS
Supply voltage
−
0
−
V
VIH
Input “H” voltage
0.8 VCC
−
VCC
V
VIL
Input “L” voltage
0
−
0.2 VCC
V
IOH(sum)
Peak sum output
“H” current
Sum of all pins
IOH(peak)
−−
-60
mA
IOH(peak)
Peak output “H”
current
−−
-10
mA
IOH(avg)
Average output
“H” current
−−
-5
mA
IOL(sum)
Peak sum output
“L” currents
Sum of all pins
IOL(peak)
−−
60
mA
IOL(peak)
Peak output “L”
currents
−−
10
mA
IOL(avg)
Average output
“L” current
−−
5mA
f(XIN)
XIN clock input oscillation frequency
3.0 V
≤ VCC ≤ 5.5 V (other than K
version)
0
−
20
MHz
3.0 V
≤ VCC ≤ 5.5 V (K version)
0
−
16
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz
−
System clock
OCD2 = 0
XlN clock selected
3.0 V
≤ VCC ≤ 5.5 V (other than K
version)
0
−
20
MHz
3.0 V
≤ VCC ≤ 5.5 V (K version)
0
−
16
MHz
2.7 V
≤ VCC < 3.0 V
0
−
10
MHz
OCD2 = 1
On-chip oscillator
clock selected
FRA01 = 0
Low-speed on-chip oscillator clock
selected
−
125
−
kHz
FRA01 = 1
High-speed on-chip oscillator clock
selected (other than K version)
−−
20
MHz
FRA01 = 1
High-speed on-chip oscillator clock
selected
−−
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com