Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 400Page - Renesas Technology Corp R8C/29 Datasheet HTML 401Page - Renesas Technology Corp R8C/29 Datasheet HTML 402Page - Renesas Technology Corp R8C/29 Datasheet HTML 403Page - Renesas Technology Corp R8C/29 Datasheet HTML 404Page - Renesas Technology Corp R8C/29 Datasheet HTML 405Page - Renesas Technology Corp R8C/29 Datasheet HTML 406Page - Renesas Technology Corp R8C/29 Datasheet HTML 407Page - Renesas Technology Corp R8C/29 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 471 page
background image
R8C/28 Group, R8C/29 Group
20. Electrical Characteristics
Rev.2.10
Sep 26, 2008
Page 387 of 441
REJ09B0279-0210
NOTE:
1. VCC = 2.7 to 3.3 V at Topr = -20 to 85
°C (N version) / -40 to 85°C (D version), f(XIN) = 10 MHz, unless otherwise specified.
Table 20.22
Electrical Characteristics (3) [VCC = 3 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Except P1_0 to P1_7,
XOUT
IOH = -1 mA
VCC - 0.5
−
VCC
V
P1_0 to P1_7
Drive capacity
HIGH
IOH = -5 mA
VCC - 0.5
−
VCC
V
Drive capacity
LOW
IOH = -1 mA
VCC - 0.5
−
VCC
V
XOUT
Drive capacity
HIGH
IOH = -0.1 mA
VCC - 0.5
−
VCC
V
Drive capacity
LOW
IOH = -50
µAVCC - 0.5
−
VCC
V
VOL
Output “L” voltage
Except P1_0 to P1_7,
XOUT
IOL = 1 mA
−−
0.5
V
P1_0 to P1_7
Drive capacity
HIGH
IOL = 5 mA
−−
0.5
V
Drive capacity
LOW
IOL = 1 mA
−−
0.5
V
XOUT
Drive capacity
HIGH
IOL = 0.1 mA
−−
0.5
V
Drive capacity
LOW
IOL = 50
µA
−−
0.5
V
VT+-VT-
Hysteresis
INT0, INT1, INT3,
KI0, KI1, KI2, KI3,
TRAIO, RXD0, RXD1,
CLK0, SSI, SCL,
SDA, SSO
0.1
0.3
−
V
RESET
0.1
0.4
−
V
IIH
Input “H” current
VI = 3 V, VCC = 3V
−−
4.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 3V
−−
-4.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 3V
66
160
500
k
Ω
RfXIN
Feedback resistance
XIN
−
3.0
−
M
Ω
RfXCIN
Feedback resistance
XCIN
−
18
−
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com