Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 389Page - Renesas Technology Corp R8C/29 Datasheet HTML 390Page - Renesas Technology Corp R8C/29 Datasheet HTML 391Page - Renesas Technology Corp R8C/29 Datasheet HTML 392Page - Renesas Technology Corp R8C/29 Datasheet HTML 393Page - Renesas Technology Corp R8C/29 Datasheet HTML 394Page - Renesas Technology Corp R8C/29 Datasheet HTML 395Page - Renesas Technology Corp R8C/29 Datasheet HTML 396Page - Renesas Technology Corp R8C/29 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 471 page
background image
R8C/28 Group, R8C/29 Group
20. Electrical Characteristics
Rev.2.10
Sep 26, 2008
Page 376 of 441
REJ09B0279-0210
NOTES:
1. VCC = 2.2 to 5.5 V, Topr = -20 to 85
°C (N version) / -40 to 85°C (D version), unless otherwise specified.
2. These standard values show when the FRA1 register value after reset is assumed.
3. These standard values show when the corrected value of the FRA6 register is written to the FRA1 register.
4. This enables the setting errors of bit rates such as 9600 bps and 38400 bps to be 0% when the serial interface is used in
UART mode.
NOTE:
1. VCC = 2.2 to 5.5 V, Topr = -20 to 85
°C (N version) / -40 to 85°C (D version), unless otherwise specified.
NOTES:
1. The measurement condition is VCC = 2.2 to 5.5 V and Topr = 25
°C.
2. Waiting time until the internal power supply generation circuit stabilizes during power-on.
3. Time until system clock supply starts after the interrupt is acknowledged to exit stop mode.
Table 20.10
High-speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fOCO40M
High-speed on-chip oscillator frequency
temperature • supply voltage dependence
VCC = 4.75 to 5.25 V
0
°C ≤ Topr ≤ 60°C(2)
39.2
40
40.8
MHz
VCC = 3.0 to 5.5 V
-20
°C ≤ Topr ≤ 85°C(2)
38.8
40
41.2
MHz
VCC = 3.0 to 5.5 V
-40
°C ≤ Topr ≤ 85°C(2)
38.4
40
41.6
MHz
VCC = 2.7 to 5.5 V
-20
°C ≤ Topr ≤ 85°C(2)
38
40
42
MHz
VCC = 2.7 to 5.5 V
-40
°C ≤ Topr ≤ 85°C(2)
37.6
40
42.4
MHz
VCC = 2.2 to 5.5 V
-20
°C ≤ Topr ≤ 85°C(3)
35.2
40
44.8
MHz
VCC = 2.2 to 5.5 V
-40
°C ≤ Topr ≤ 85°C(3)
34
40
46
MHz
VCC = 5.0 V ± 10%
-20
°C ≤ Topr ≤ 85°C(2)
38.8
40
40.8
MHz
VCC = 5.0 V ± 10%
-40
°C ≤ Topr ≤ 85°C(2)
38.4
40
40.8
MHz
High-speed on-chip oscillator frequency when
correction value in FRA7 register is written to
FRA1 register(4)
VCC = 5.0 V, Topr = 25
°C
−
36.864
−
MHz
VCC = 3.0 to 5.5 V
-20
°C ≤ Topr ≤ 85°C
-3%
−
3%
%
−
Value in FRA1 register after reset
08h(3)
−
F7h(3)
−
−
Oscillation frequency adjustment unit of high-
speed on-chip oscillator
Adjust FRA1 register
(value after reset) to -1
−
+0.3
−
MHz
−
Oscillation stability time
−
10
100
µs
−
Self power consumption at oscillation
VCC = 5.0 V, Topr = 25
°C
−
400
−µA
Table 20.11
Low-speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fOCO-S
Low-speed on-chip oscillator frequency
30
125
250
kHz
−
Oscillation stability time
−
10
100
µs
−
Self power consumption at oscillation
VCC = 5.0 V, Topr = 25
°C
−
15
−µA
Table 20.12
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for internal power supply stabilization during
power-on(2)
1
−
2000
µs
td(R-S)
STOP exit time(3)
−−
150
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com