Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 333Page - Renesas Technology Corp R8C/29 Datasheet HTML 334Page - Renesas Technology Corp R8C/29 Datasheet HTML 335Page - Renesas Technology Corp R8C/29 Datasheet HTML 336Page - Renesas Technology Corp R8C/29 Datasheet HTML 337Page - Renesas Technology Corp R8C/29 Datasheet HTML 338Page - Renesas Technology Corp R8C/29 Datasheet HTML 339Page - Renesas Technology Corp R8C/29 Datasheet HTML 340Page - Renesas Technology Corp R8C/29 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 471 page
background image
R8C/28 Group, R8C/29 Group
17. Hardware LIN
Rev.2.10
Sep 26, 2008
Page 320 of 441
REJ09B0279-0210
17.4.2
Slave Mode
Figure 17.7 shows typical operation of the hardware LIN when receiving a header field in slave mode. Figure
17.8 through Figure 17.10 show an Example of Header Field Transmission Flowchart.
When receiving a header field, the hardware LIN operates as described below.
(1) Synch Break detection is enabled by writing 1 to the LSTART bit in the LINCR register of the hardware
LIN.
(2) When “L” level is input for a duration equal to or greater than the period set in timer RA, the hardware
LIN detects it as Synch Break. At this time, the SBDCT flag in the LINST register is set to 1.
Furthermore, if the SBIE bit in the LINCR register is set to 1, the hardware LIN generates a timer RA
interrupt. Then it goes to Synch Field measurement.
(3) The hardware LIN receives a Synch Field (55h). At this time, it measures the period of the start bit and
bits 0 to 6 by using timer RA. In this case, it is possible to select whether to input the Synch Field signal
to RXD0 of UART0 by setting the SBE bit in the LINCR register accordingly.
(4) The hardware LIN sets the SFDCT flag in the LINST register to 1 when it finishes measuring the Synch
Field. Furthermore, if the SFIE bit in the LINCR register is set to 1, it generates a timer RA interrupt.
(5) After it finishes measuring the Synch Field, calculate a transfer rate from the count value of timer RA
and set to UART0 and registers TRAPRE and TRA of timer RA again. Then it receives an ID field via
UART0.
(6) The hardware LIN performs communication for a response field after it finishes receiving the ID field.
Figure 17.7
Typical Operation when Receiving a Header Field
RXD0 pin
Synch Break
1
0
RXD0 input for
UART0
1
0
RXDSF flag in the
LINCR register
1
0
Synch Field
IDENTIFIER
(2)
(3)
(5)
(6)
Shown above is the case where
LINE = 1, MST = 0, SBE = 1, SBIE = 1, SFIE = 1
(4)
(1)
SBDCT flag in the
LINST register
1
0
SFDCT flag in the
LINST register
1
0
IR bit in the TRAIC
register
1
0
Set by writing 1 to the
B0CLR bit in the LINST
register
Cleared to 0 when Synch
Field measurement
finishes
Measure this period
Set by writing 1 to
the B1CLR bit in
the LINST register
Cleared to 0 upon
acceptance of
interrupt request or
by a program
Set by writing 1 to
the LSTART bit in
the LINCR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com