Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 281Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 282Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 283Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 284Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 285Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 286Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 287Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 288Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 233 of 1102
REJ09B0294-0100
To ensure the row address hold time or read access time, one to three of Trw cycles in which the
row address output is retained can be inserted between the Tr and Tc1 cycles. The RAS signal is
driven low in the Tr cycle and the column address is output in the Tc1 cycle. Set the bit according
to the DRAM to be used and the frequency of this LSI so that the row address hold time to the
rising edge of the RAS signal is ensured.
Figure 6.41 shows an access timing example when one Trw cycle is specified.
T
p
T
r
T
rw
T
c1
T
c2
Address bus
Row address
Column address
B
φ
RAS
LUCAS
LLCAS
WE
OE (RD)
WE
OE (RD)
Data bus
High
High
Read
Write
Data bus
BS
RD/
WR
Figure 6.41 Access Timing Example when One Trw Cycle is Specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com