Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 27Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 28Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 29Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 30Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 31Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 32Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 33Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 34Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1158 page
background image
Rev.1.00 Jun. 07, 2006 Page xxxi of x lii
Figure 6.30 Example of Burst ROM Access Timing (ASTn = 0, One Burst Cycle) .................. 216
Figure 6.31 8-Bit Access Space Access Timing (ABWHn = 1, ABWLn = 1) ........................... 220
Figure 6.32 16-Bit Access Space Access Timing (ABWHn = 0, ABWLn = 1) ......................... 221
Figure 6.33 Access Timing of 3 Address Cycles (ADDEX = 1) ................................................ 222
Figure 6.34 Read Strobe Timing................................................................................................. 224
Figure 6.35 Chip Select (
CS) Assertion Period Extension Timing in Data Cycle......................225
Figure 6.36 Consecutive Read Accesses to Same Area
(Address/Data Multiplexed I/O Space)................................................................... 226
Figure 6.37
DACK Signal Output Timing..................................................................................227
Figure 6.38 DRAM Basic Access Timing (RAS = 0 and CAST = 0) ........................................ 230
Figure 6.39 Access Timing Example of Column Address Output Cycles for
3 Clock Cycles (RAST = 0)..................................................................................... 231
Figure 6.40 Access Timing Example of
RAS Signal Driven Low at Start of Tr Cycle
(CAST = 0) ............................................................................................................. 232
Figure 6.41 Access Timing Example when One Trw Cycle is Specified ................................... 233
Figure 6.42 Access Timing Example of Two Precharge Cycles (RAST = 0 and CAST = 0) .... 234
Figure 6.43 Example of Wait Cycle Insertion Timing for 2-Cycle Column Address Output..... 236
Figure 6.44 Example of Wait Cycle Insertion Timing for 3-Cycle Column Address Output..... 237
Figure 6.45 Timing Example of Byte Control with Use of Two CAS Signals
(Write Access with Lowest Bit of Address = B'0, RAST = 0, CAST = 0) ............. 238
Figure 6.46 Timing Example of Word Control with Use of Two CAS Signals
(Read Access with Lowest Bit of Address = B'0, RAST = 0, CAST = 0) .............. 239
Figure 6.47 Example of Connection for Control with Two CAS Signals................................... 240
Figure 6.48 Operation Timing of Fast-Page Mode (RAST = 0, CAST = 0)............................... 241
Figure 6.49 Operation Timing of Fast-Page Mode (RAST = 0, CAST = 1)............................... 242
Figure 6.50 Timing Example of RAS Down Mode (RAST = 0, CAST = 0).............................. 244
Figure 6.51 Timing Example of RAS Up Mode (RAST = 0, CAST = 0)................................... 245
Figure 6.52 RTCNT Operation................................................................................................... 246
Figure 6.53 Compare Match Timing .......................................................................................... 247
Figure 6.54 CBR Refresh Timing...............................................................................................247
Figure 6.55 CBR Refresh Timing
(RCW1 = 0, RCW0 = 1, RLW2 = 0, RLW1 = 0, RLW0 = 0) ................................ 248
Figure 6.56 Self-Refresh Timing ................................................................................................ 249
Figure 6.57 Timing Example when 1 Precharge Cycle Added................................................... 250
Figure 6.58 Output Timing Example of
DACK when DDS = 1 (RAST = 0, CAST = 0) ..........252
Figure 6.59 Output Timing Example of
DACK when DDS = 0 (RAST = 0, CAST = 1) ..........253
Figure 6.60 SDRAM Basic Read Access Timing (CAS Latency = 2) ....................................... 257
Figure 6.61 SDRAM Basic Write Access Timing...................................................................... 258
Figure 6.62 Timing Example of CAS Latency (CAS Latency = 3)............................................ 260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com