Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 29Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 30Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 31Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 32Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 33Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 34Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 35Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 36Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1158 page
background image
Rev.1.00 Jun. 07, 2006 Page xxxiii of x lii
Figure 6.93 Example of Idle Cycle Operation (Write after Single Address Transfer Write)...... 296
Figure 6.94 Idle Cycle Insertion Example .................................................................................. 297
Figure 6.95 Relationship between Chip Select (
CS) and Read (RD)..........................................298
Figure 6.96 Example of DRAM Full Access after External Read (CAST = 0) .......................... 299
Figure 6.97 Example of SDRAM Full Access after External Read (CAS Latency = 2) ............ 300
Figure 6.98 Example of Idle Cycles in RAS Down Mode (Write after Read)............................ 301
Figure 6.99 Bus Released State Transition Timing (SRAM Interface is Not Used)................... 306
Figure 6.100 Bus Released State Transition Timing (SRAM Interface is Used)........................ 307
Figure 6.101 Example of Timing when Write Data Buffer Function is Used ............................ 309
Figure 6.102 Example of Timing when Peripheral Module
Write Data Buffer Function is Used ..................................................................... 310
Section 7 DMA Controller (DMAC)
Figure 7.1 Block Diagram of DMAC ......................................................................................... 319
Figure 7.2 Example of Signal Timing in Dual Address Mode.................................................... 344
Figure 7.3 Operations in Dual Address Mode ............................................................................ 344
Figure 7.4 Data Flow in Single Address Mode........................................................................... 345
Figure 7.5 Example of Signal Timing in Single Address Mode ................................................. 346
Figure 7.6 Operations in Single Address Mode.......................................................................... 346
Figure 7.7 Example of Signal Timing in Normal Transfer Mode............................................... 347
Figure 7.8 Operations in Normal Transfer Mode ....................................................................... 348
Figure 7.9 Operations in Repeat Transfer Mode......................................................................... 349
Figure 7.10 Operations in Block Transfer Mode ........................................................................ 350
Figure 7.11 Operation in Single Address Mode in Block Transfer Mode
(Block Area Specified) ........................................................................................... 350
Figure 7.12 Operation in Dual Address Mode in Block Transfer Mode
(Block Area Not Specified) .................................................................................... 351
Figure 7.13 Example of Timing in Cycle Stealing Mode ........................................................... 355
Figure 7.14 Example of Timing in Burst Mode.......................................................................... 355
Figure 7.15 Example of Extended Repeat Area Operation......................................................... 357
Figure 7.16 Example of Extended Repeat Area Function in Block Transfer Mode ................... 358
Figure 7.17 Address Update Method .......................................................................................... 359
Figure 7.18 Operation of Offset Addition................................................................................... 360
Figure 7.19 XY Conversion Operation Using Offset Addition in Repeat Transfer Mode.......... 361
Figure 7.20 XY Conversion Flowchart Using Offset Addition in Repeat Transfer Mode ......... 362
Figure 7.21 Procedure for Changing Register Setting For Channel being Transferred .............. 366
Figure 7.22 Example of Timing for Channel Priority................................................................. 369
Figure 7.23 Example of Bus Timing of DMA Transfer.............................................................. 370
Figure 7.24 Example of Transfer in Normal Transfer Mode by Cycle Stealing......................... 371
Figure 7.25 Example of Transfer in Normal Transfer Mode by Cycle Stealing
(Transfer Source DSAR = Odd Address and Source Address Increment).............. 372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com