| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 47 Page - Renesas Technology Corp |
|
47 / 1158 page ![]() Rev.1.00 Jun. 07, 2006 Page xlvii of lii Table 6.31 Pin States in Idle Cycle ......................................................................................... 303 Table 6.32 Pin States in Bus Released State ........................................................................... 305 Table 6.33 Number of Access Cycles for On-Chip Memory Spaces...................................... 308 Table 6.34 Number of Access Cycles for Registers of On-Chip Peripheral Modules ............ 308 Section 7 DMA Controller (DMAC) Table 7.1 Pin Configuration.................................................................................................. 320 Table 7.2 Data Access Size, Valid Bits, and Settable Size ................................................... 327 Table 7.3 Settings and Areas of Extended Repeat Area ....................................................... 341 Table 7.4 Transfer Modes ..................................................................................................... 342 Table 7.5 List of On-chip module interrupts to DMAC........................................................ 353 Table 7.6 Priority among DMAC Channels.......................................................................... 368 Table 7.7 Interrupt Sources and Priority............................................................................... 390 Section 8 Data Transfer Controller (DTC) Table 8.1 Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs............... 407 Table 8.2 DTC Transfer Modes ............................................................................................ 409 Table 8.3 Chain Transfer Conditions.................................................................................... 411 Table 8.4 Number of Bus Cycle Divisions and Access Size................................................. 411 Table 8.5 Transfer Information Writeback Skip Condition and Writeback Skipped Registers ......................................................................... 414 Table 8.6 Register Function in Normal Transfer Mode ........................................................ 414 Table 8.7 Register Function in Repeat Transfer Mode ......................................................... 416 Table 8.8 Register Function in Block Transfer Mode........................................................... 417 Table 8.9 DTC Execution Status........................................................................................... 421 Table 8.10 Number of Cycles Required for Each Execution State ......................................... 422 Section 9 I/O Ports Table 9.1 Port Functions ....................................................................................................... 429 Table 9.2 Register Configuration in Each Port ..................................................................... 436 Table 9.3 Startup Mode and Initial Value............................................................................. 437 Table 9.4 Input Pull-Up MOS State...................................................................................... 440 Table 9.5 Available Output Signals and Settings in Each Port............................................. 476 Section 10 16-Bit Timer Pulse Unit (TPU) Table 10.1 TPU Functions ...................................................................................................... 498 Table 10.2 Pin Configuration.................................................................................................. 501 Table 10.3 CCLR2 to CCLR0 (Channels 0 and 3) ................................................................. 505 Table 10.4 CCLR2 to CCLR0 (Channels 1, 2, 4, and 5) ........................................................ 505 Table 10.5 Input Clock Edge Selection .................................................................................. 506 Table 10.6 TPSC2 to TPSC0 (Channel 0) .............................................................................. 506 Table 10.7 TPSC2 to TPSC0 (Channel 1) .............................................................................. 506 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |